Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2PP-119N-R2/N

  • AI
    The **W2PP-119N-R2/N** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a similar passive magnetic component, often found in power management circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications These components are designed for high-efficiency DC-DC conversion and power filtering. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Inductor / Wire-wound SMD | | **Inductance** | Values vary by specific suffix, but the "119" series often refers to specific physical dimensions. | | **Core Material** | Ferrite or Metal Composite (for high saturation) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Shielding** | Usually Magnetic Shielded (to reduce EMI) | --- ### 2. Part Number Breakdown While manufacturer naming conventions vary slightly, the code typically breaks down as follows: * **W2PP**: Series identifier (often associated with high-current power inductors). * **119**: Dimensional code (Length/Width/Height ratio). * **N**: Tolerance indicator (commonly ±30%). * **R2**: Revision code or specific Inductance value (e.g., 0.22µH or Revision 2). * **N**: Packaging or Lead-Free (RoHS) indicator. --- ### 3. Key Electronic Characteristics #### A. Power Handling These parts are engineered to handle high **Saturation Currents ($I_{sat}$)**. This is the point where the inductance drops by a specific percentage (usually 30%) due to the magnetic field strength. #### B. DC Resistance (DCR) The W2PP series focuses on low DCR. Lower resistance ensures: * Minimal heat generation. * Higher efficiency in voltage regulator modules (VRMs). * Better battery life in portable electronics. #### C. EMI Suppression Due to the shielded construction (often a resin-based magnetic powder or a ferrite drum core with a sleeve), these parts prevent electromagnetic interference from affecting neighboring components on the PCB. --- ### 4. Common Applications The W2PP-119N-R2/N is frequently utilized in the following circuits: 1. **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies. 2. **Power Supplies:** Used in laptops, servers, and telecommunications equipment. 3. **LED Drivers:** Providing stable current to high-brightness LEDs. 4. **Audio Circuits:** Filtering noise in Class-D amplifiers. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current rating for the W2PP-119N-R2/N?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the physical dimensions (L x W x H) of the 119 series package?