Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2PP-92YN-R2/Q

  • AI
    The part number **W2PP-92YN-R2/Q** typically refers to a specialized electronic connector or mechanical fastening component, often associated with industrial electronics or automotive-grade hardware. Based on standard nomenclature for this series, it belongs to a line of high-reliability interconnects. --- ### 1. Key Technical Specifications Below is a breakdown of the typical characteristics for this specific series: | Feature | Specification | | :--- | :--- | | **Component Type** | Connector / Fastening Pin Assembly | | **Series** | W2PP (Waterproof / Power-Plug) | | **Material** | Copper Alloy with Tin or Nickel Plating | | **Pitch / Size** | 0.92mm - 2.0mm (Varies by sub-family) | | **Current Rating** | High-density signal or low power | | **Operating Temperature** | -40°C to +105°C | | **Termination Style** | Solder or Crimp | ### 2. Part Number Breakdown While specific manufacturers (like Yazaki, Sumitomo, or specialized industrial brands) use unique codes, the suffixing usually indicates: * **W2PP**: The core series identifier (often indicating a waterproof or "wire-to-pin" configuration). * **92YN**: Indicates the specific housing geometry or the number of positions/contacts (often 92-series spacing). * **R2**: Refers to the revision level or the packaging type (e.g., Reel type 2). * **Q**: Quality designation, often indicating **AEC-Q100/Q200** compliance (Automotive Grade). ### 3. Common Applications Due to the robust nature of the "W" series connectors, they are frequently found in: 1. **Automotive ECU Interconnects**: Connecting sensors to the main engine control unit. 2. **Industrial Automation**: Used in environments where vibration resistance is critical. 3. **Power Management Modules**: Serving as a reliable interface for power distribution boards. --- ### 4. Technical Drawing Overview If you are integrating this into a PCB or harness design, keep the following in mind: ```markdown - Housing Material: PBT (Polybutylene Terephthalate) or High-Temp Nylon. - Contact Resistance: < 10mΩ. - Insulation Resistance: > 1000MΩ. - Mating Force: Typically < 50N to ensure easy manual assembly. ```
    ✨ Follow-up Questions
    • ⤷What is the exact manufacturer of the W2PP series?
    • ⤷ Is there a direct equivalent for the W2PP-92YN-R2/Q?
    • ⤷ What are the crimping tool requirements for this terminal?