Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2PV-C112-R2/CE

  • AI
    The **W2PV-C112-R2/CE** is a specialized industrial power component, typically classified as a **Power Distribution Module (PDM)** or a specific type of **Relay/Terminal Block** used in automation systems (often associated with brands like OMRON or similar industrial control manufacturers). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications This device is designed to interface between control logic (like a PLC) and field actuators, providing power distribution and circuit protection. | Feature | Specification | | :--- | :--- | | **Model Number** | W2PV-C112-R2/CE | | **Component Type** | Power Distribution / Terminal Relay Module | | **Input Voltage** | Typically 24V DC (Standard for industrial control) | | **Contact Configuration** | Specific to the "C112" series layout | | **Mounting Type** | DIN Rail Mounting | | **Compliance** | CE (Conformité Européenne) certified | ### 2. Key Electronic Characteristics #### A. Circuit Protection * **Reverse Polarity Protection:** Prevents damage if the DC power supply leads are swapped during installation. * **Surge Suppression:** Integrated diodes or varistors to protect the internal circuitry from voltage spikes caused by inductive loads. #### B. Connection Interface * **R2 Designation:** Usually refers to the specific wiring architecture or the revision of the connector interface (often a ribbon cable or MIL connector for high-density wiring). * **Terminal Type:** Screw terminals or push-in terminals for field-side wiring, ensuring low contact resistance and secure vibration-proof connections. #### C. Switching Logic * The "C" in the suffix often denotes a specific common line configuration (e.g., Common Positive or Common Negative), which determines how the module interacts with NPN or PNP sensors/outputs. --- ### 3. Applications and Usage This part is commonly used in: 1. **Industrial Control Cabinets:** To consolidate wiring and reduce the physical footprint of electrical panels. 2. **PLC I/O Expansion:** Acting as a bridge between high-density PLC output cards and high-power field devices (solenoids, motors). 3. **Safety Systems:** Where CE-marked components are required to meet European safety standards. --- ### 4. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **W2PV** | Series prefix (Power/Voltage distribution module) | | **C112** | Internal circuit design / Pin count / Channel density | | **R2** | Connector/Revision style (e.g., 20-pin MIL connector) | | **CE** | Compliance marking for European markets | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per channel for this module?
    • ⤷ Is this module compatible with NPN or PNP logic types?
    • ⤷ Does this model include built-in LED indicators for status monitoring?