W2PV-C1BA-R
AI

The **W2PV-C1BA-R** is a specific electronic component within the industrial automation and control sector, primarily manufactured by **OMRON**. It belongs to the **W2PV series**, which focuses on high-precision sensing and monitoring solutions.
---
### 1. Component Overview
The W2PV series generally refers to **Thin-type Displacement Sensors** or high-precision laser/optical measurement tools used in assembly lines and robotics.
| Feature | Specification Details |
| :--- | :--- |
| **Manufacturer** | Omron |
| **Component Category** | Sensor / Measurement Control |
| **Type** | High-precision Proximity/Displacement |
| **Output Type** | Digital/Analog (Model dependent) |
| **Mounting** | Panel or Rail Mount |
---
### 2. Key Electronic Characteristics
The "C1BA-R" suffix defines the specific electrical interface and physical properties of the unit:
* **Sensing Mechanism:** Uses optical triangulation or high-frequency oscillation to detect the presence or distance of an object without physical contact.
* **Response Speed:** Optimized for high-speed manufacturing environments, often featuring millisecond response times.
* **Protection Circuitry:** Typically includes reverse polarity protection, surge absorbers, and short-circuit protection to prevent damage from wiring errors.
* **Interface:** Usually features a standard M8 or M12 connector or a direct-wire lead (indicated by the suffix "R" often referring to Robot Cable/Flexible cable for motion applications).
---
### 3. Pinout and Connection Logic
Most industrial sensors in this category follow a standard 3-wire or 4-wire color-coding scheme:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | VCC | Positive Power Supply (typically 12-24V DC) |
| **Blue** | GND | Ground / 0V |
| **Black** | Output (NO) | Switching signal or Analog output |
| **White** | Control/Mode | Sensitivity adjustment or NC output |
---
### 4. Typical Applications
1. **Semiconductor Manufacturing:** Detecting the height of wafers.
2. **Automotive Assembly:** Checking for the presence of small clips or pins.
3. **Packaging:** Verifying lid placement or thickness of materials.
4. **Robotics:** End-of-arm tooling position feedback using the "R" (Robot) flexible cabling to withstand constant bending.
---
### 5. Installation Note
When integrating the **W2PV-C1BA-R**, ensure the power supply is regulated. Because this is a high-precision part, electromagnetic interference (EMI) from nearby motors should be minimized by using shielded cables or proper grounding of the DIN rail/panel.
- ⤷
What are the exact voltage range requirements for the W2PV series?
- ⤷ Does the 'R' suffix specifically indicate a robotic-grade flexible cable?
- ⤷ How does the sensing distance of the C1BA model compare to other models in the W2PV line?