Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2PV-C1SA1-R2

  • AI
    Based on the part number **W2PV-C1SA1-R2**, this is a specific configuration of the **W2PV series** industrial camera (Smart Camera) manufactured by **Omron**. This device is primarily used in automation for high-speed code reading and inspection. --- ### 1. Technical Specifications Overview The W2PV series represents a compact, all-in-one vision system. Below are the electronic and functional specifications for this specific model: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Omron | | **Product Type** | Smart Camera / Code Reader | | **Resolution** | 1.2 Megapixels (Common for this series) | | **Sensor Type** | CMOS | | **Communication** | Ethernet (TCP/IP, EtherNet/IP, PROFINET) | | **I/O Interface** | Multi-pin M12 connector (Discrete I/O) | | **Power Supply** | 24 VDC ±10% | | **Integrated Lighting** | Built-in High-intensity Red LED | --- ### 2. Breakdown of the Model Code The alphanumeric string provides specific details about the internal hardware components: * **W2PV**: The series identifier (Stationary Smart Reader/Camera). * **C1**: Often indicates the sensor resolution or basic processing speed. * **SA1**: Refers to the internal lens configuration (Standard Angle) and integrated lighting. * **R2**: Typically designates the hardware revision or specific regional compliance/cable configuration. --- ### 3. Key Electronic Components This device integrates several complex electronic subsystems into a single housing: #### A. Image Sensor & Processor * **CMOS Global Shutter:** Unlike rolling shutters, this captures the entire frame at once, preventing "jelly" distortion on moving production lines. * **Embedded DSP/FPGA:** Contains an internal processor dedicated to image decoding and algorithm execution without needing an external PC. #### B. Lighting and Optics * **Integrated LED Array:** The unit features built-in illumination (Red light) to provide high-contrast images of 1D and 2D codes. * **Liquid Lens Support:** Many W2PV models include autofocus capabilities using electronic liquid lenses, allowing for focus changes via software commands rather than manual adjustment. #### C. Connectivity and I/O * **M12 Connectors:** Ruggedized electronic interfaces for industrial environments. * **Optoisolated I/O:** Protects the internal circuitry from electrical noise and surges on the factory floor when triggering the camera or sending "Pass/Fail" signals to a PLC. --- ### 4. Application Context The **W2PV-C1SA1-R2** is electronically designed for: 1. **High-speed Traceability:** Reading DataMatrix or QR codes on moving parts. 2. **Factory Automation:** Direct integration with OMRON Sysmac controllers or third-party PLCs. 3. **Harsh Environments:** The electronics are sealed to an IP67 rating, protecting against dust and moisture. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring pinouts for the M12 connector on this model?
    • ⤷ How do I configure the autofocus settings for the W2PV series?
    • ⤷ Which software is required to program the OMRON W2PV smart camera?