Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2PV-C2B2-R2/CE

  • AI
    The **W2PV-C2B2-R2/CE** is a specific part number typically associated with **Weidmüller’s** line of remote I/O modules or signal conditioners, specifically within their **u-remote** or interface converter series. This component is designed for industrial automation and signal processing. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### Phase 1: Technical Overview This device functions as a **Signal Converter/Isolator**. Its primary role is to take an analog input signal, galvanicly isolate it to prevent ground loops, and convert it into a standard output signal for a PLC or DCS. ### Phase 2: Specifications Table | Feature | Specification | | :--- | :--- | | **Input Signal** | Configurable (0...10 V, 4...20 mA, etc.) | | **Output Signal** | Configurable (0...10 V, 4...20 mA, etc.) | | **Isolation** | 3-way isolation (Input / Output / Supply) | | **Supply Voltage** | Typically 24 V DC (± 20%) | | **Mounting** | DIN Rail (TS 35) | | **Connection Type** | Screw or Tension Clamp (P-series) | | **Accuracy** | < 0.1% of measuring range | | **Approvals** | CE, cULus (General Industrial) | --- ### Phase 3: Key Electronic Features #### 1. 3-Way Galvanic Isolation One of the most critical aspects of the $W2$ series is the isolation between the input circuit, output circuit, and power supply. This protects sensitive PLC cards from high-voltage surges and eliminates measurement errors caused by potential differences (ground loops). #### 2. Configuration (C2B2 Designation) The "C2B2" suffix often refers to the specific calibration or configurable ranges. * **Active/Passive Support:** It can often act as a signal duplicator or a simple converter. * **Filtering:** Built-in electronic filters to suppress 50/60 Hz electromagnetic interference. #### 3. Protection Circuitry The electronics include: * **Reverse Polarity Protection:** Prevents damage if the 24V supply is accidentally wired backwards. * **Short-circuit Protection:** The output is protected against wiring faults in the field. --- ### Phase 4: Typical Wiring Block Diagram Standard wiring for this type of electronic module follows this logic: ```text [ Field Sensor ] ----> (Input Terminals 1/2) | [Isolation Barrier] [ 24V DC Power ] ----> (Power Terminals 3/4) | [Amplifier/Converter] [ PLC/Controller] <---- (Output Terminals 5/6) ``` ### Summary of Use Case If you are integrating the **W2PV-C2B2-R2/CE**, you are likely using it to interface a sensor (like a pressure transducer) with an automation system where the voltage levels are incompatible or where noise interference is high.
    ✨ Follow-up Questions
    • ⤷ What is the specific input/output range configuration for the C2B2 variant?
    • ⤷ How does the 'R2' designation affect the mounting or housing width?
    • ⤷ Are there specific environmental derating curves for this module?