Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2PV-C2S11-R

  • AI
    The **W2PV-C2S11-R** is a specific model within the **W2PV series** of high-performance logic controllers (PLCs) or interface modules, typically manufactured by industrial automation brands like **IDEC** or similar Japanese automation firms. This specific part number denotes a high-density, compact I/O solution. --- ## 1. Technical Specifications The following table outlines the primary electronic and mechanical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Model Number** | W2PV-C2S11-R | | **Type** | Compact I/O Module / PLC Controller | | **I/O Points** | Usually 32 points (16 Input / 16 Output) | | **Output Type** | Relay Output (indicated by the "-R" suffix) | | **Connection Style** | MIL Connector / Ribbon Cable Interface | | **Operating Voltage** | 24V DC | | **Mounting Type** | DIN Rail or Panel Mount | --- ## 2. Key Electronic Components & Functions ### A. Power Supply & Logic Section The module operates on a **24V DC** standard industrial power supply. Internally, it contains: * **Optocouplers:** Used to provide galvanic isolation between the field-side inputs and the internal CPU logic to prevent electrical noise from damaging the controller. * **Voltage Regulators:** Convert the 24V DC input into 3.3V or 5V levels required by the internal microprocessors. ### B. Input/Output (I/O) Characteristics * **The "-R" Suffix:** This is the most critical part of the code. It signifies **Relay Outputs**. Unlike transistor outputs, these use physical mechanical switches (relays) to open and close circuits, allowing for higher current loads and the ability to switch both AC and DC voltages. * **C2S11 Configuration:** This refers to the specific wiring configuration, often implying a "Sink/Source" selectable input stage. ### C. Interface and Wiring * **MIL-Connector:** Instead of screw terminals, this unit uses a high-density header. This is designed for rapid installation using pre-wired ribbon cables that connect directly to terminal blocks or other modules. --- ## 3. Application Use Cases 1. **Industrial Machines:** Controlling solenoid valves, motors, and indicator lights. 2. **Space-Constrained Cabinets:** The compact "W2PV" form factor is designed for slim electrical panels. 3. **Mixed Voltage Switching:** Because it uses relay outputs, it can trigger a 110V AC lamp and a 24V DC motor from the same module. --- ## 4. Safety and Wiring Example When wiring the **W2PV-C2S11-R**, ensure you account for the mechanical life of the relays. ```markdown # General Wiring Guide (Example) - Pin 1-20: Input signals (Com, X0-X15) - Pin 21-40: Output signals (Com, Y0-Y15) - Ensure 24V DC polarity is correct at the power terminals. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the relay outputs in the W2PV series?
    • ⤷ Are there transistor-based alternatives to the W2PV-C2S11-R?
    • ⤷ What type of ribbon cable connector is required for the MIL interface?