W2RS-024-R
AI

The **W2RS-024-R** is a specific model of a **Miniature Industrial Power Relay**, commonly used in automation, control panels, and PLC interfacing. Below is a detailed breakdown of its electronic specifications and internal parts.
---
### 1. General Specifications
The W2RS series is typically characterized by its slim profile and high-density mounting capability.
| Feature | Specification |
| :--- | :--- |
| **Model** | W2RS-024-R |
| **Coil Voltage** | 24V DC |
| **Contact Arrangement** | 2C (DPDT - Double Pole Double Throw) |
| **Mounting Type** | DIN Rail / Socket Mount |
| **Terminal Type** | Screw or Push-in (depending on base) |
---
### 2. Internal Electronic Components
The device consists of several critical components that allow it to function as an electrically operated switch:
#### A. The Electromagnetic Coil
* **Voltage:** 24V DC.
* **Function:** When current flows through this copper coil, it creates a magnetic field that pulls the armature down, changing the state of the contacts.
* **Power Consumption:** Designed for low power consumption to allow direct control from PLC outputs.
#### B. Contact System (2C / DPDT)
* **Material:** Usually Silver Alloy (AgNi or AgSnO2) for high conductivity and resistance to arcing.
* **Configuration:** 2 Change-over contacts. This means it can control two separate circuits simultaneously.
* **Rating:** Typically rated for 5A to 8A at 250V AC / 30V DC.
#### C. Protection & Indicator Circuits
Most "R" suffix models in this series include:
* **LED Indicator:** A small Green or Red LED wired in parallel with the coil to provide visual status of whether the relay is energized.
* **Freewheeling Diode (Flyback Diode):** Integrated to protect the driving circuit (like a PLC) from back-EMF spikes when the coil is de-energized.
---
### 3. Physical Layout and Construction
1. **Transparent Housing:** Allows for visual inspection of contact wear or carbon buildup without disassembling the unit.
2. **Manual Test Button:** (Optional on some variants) A small lever to manually toggle the contacts for troubleshooting.
3. **Gold Plating:** Some "R" variants feature gold-clad contacts for switching very low-level signals (dry circuits) to prevent oxidation.
---
### 4. Typical Wiring Diagram
The W2RS-024-R follows standard industrial pinouts:
```text
Coil Terminals:
(+) Pin 14
(-) Pin 13
Contact Terminals (DPDT):
Common: 9, 12
Normally Closed (NC): 1, 4
Normally Open (NO): 5, 8
```
---
- ⤷
What is the maximum switching current for the W2RS-024-R?
- ⤷
Can this relay be used with an AC control signal instead of 24V DC?
- ⤷
What is the difference between the 1C and 2C versions of this relay series?