Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2RS-0C4-R2

  • AI
    The **W2RS-0C4-R2** is a specific industrial interface module, typically categorized as a **Relay Terminal Block** or **Relay Board**. These components are widely used in industrial automation to bridge the gap between low-power control signals (like those from a PLC) and high-power field devices. --- ### Technical Specifications The part number generally follows a standard naming convention for industrial relay modules. Below is a breakdown of its core electronic characteristics: | Component | Description | | :--- | :--- | | **Module Type** | Relay Terminal Module (4-Point) | | **Channels** | 4 Independent Relay Channels | | **Contact Configuration** | 1c (SPDT - Single Pole Double Throw) per channel | | **Input Voltage** | Typically 24V DC (Control side) | | **Rated Load** | Usually 5A to 10A at 250VAC / 30VDC | | **Mounting Type** | DIN Rail (Standard 35mm) | | **Indications** | LED status indicators for each channel | --- ### Key Features and Functionality #### 1. Signal Isolation The primary electronic function is **Galvanic Isolation**. It protects the sensitive electronics of a Controller (PLC/MCU) from high-voltage spikes, electrical noise, or short circuits occurring at the load side. #### 2. Switching Logic Each of the 4 channels acts as an electrically operated switch. * **Coil Side:** Receives a 24V signal. * **Contact Side:** Can switch AC or DC loads (Motors, Solenoids, Lamps). #### 3. Protection Circuits The internal PCB usually includes: * **Flyback Diodes:** To suppress inductive kicks (voltage spikes) when the relay coil is de-energized. * **Varistors:** Optional components to protect contacts from arcing. --- ### Wiring and Interface The module is designed for ease of maintenance in a control cabinet: * **Input (Common):** Usually a multi-pin connector or a terminal block for 24VDC signals. * **Output (Load):** Screw terminals for NC (Normally Closed), NO (Normally Open), and COM (Common) connections. --- ### Typical Application Diagram ```mermaid graph LR A[PLC Output 24VDC] --> B[W2RS-0C4-R2 Input] B --> C{Relay Coil} C --> D[High Voltage Load / Motor] subgraph Isolation Barrier C end ```
    ✨ Follow-up Questions
    • ⤷ What is the specific coil resistance for the W2RS-0C4-R2?
    • ⤷ Can this module be used with AC input control signals?
    • ⤷ What is the mechanical life expectancy of the integrated relays?