Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2RS-1B3-R2

  • AI
    The **W2RS-1B3-R2** is a specific model within the **W2RS series of transducer converters** (isolators) manufactured by **M-System**. These devices are primarily used in industrial automation to convert, isolate, and transmit DC signals between field instruments and control systems (PLC/DCS). --- ### 1. Key Technical Specifications The model code "W2RS-1B3-R2" breaks down into specific electrical parameters: | Component | Specification | Description | | :--- | :--- | :--- | | **Input** | **1** | 0 – 10 mV DC | | **Output 1** | **B** | 2 – 10 V DC | | **Output 2** | **3** | 0 – 1 V DC | | **Power Supply** | **R2** | 11 – 27 V DC | | **Isolation** | 3-Port | Input to Output 1 to Output 2 to Power | | **Response Time** | Fast | Typically ≤ 0.5 seconds (0 to 90%) | --- ### 2. Functional Electronic Components The internal circuitry of the W2RS-1B3-R2 consists of several critical stages: #### A. Input Conditioning Stage Since the input is a low-voltage **mV signal (0-10mV)**, this stage uses high-precision operational amplifiers with low offset drift. It buffers the signal to prevent loading the source instrument. #### B. Galvanic Isolation (The "Core") This is the most important electronic feature. It uses **Transformer Isolation** to separate the input, outputs, and power supply. * **Purpose:** Prevents ground loops and protects sensitive control equipment from high-voltage surges in the field. * **Dielectric Strength:** Usually rated for 2000V AC for 1 minute. #### C. Dual Output Drive The unit features two independent output channels. * **Output 1 (2-10V):** Designed for high-impedance loads (standard voltage input for PLCs). * **Output 2 (0-1V):** Often used for local monitoring or parallel recording devices. #### D. Power Management The "R2" designation indicates a DC power input. It contains internal switching regulators to convert the 11-27V DC input into stable internal operating voltages for the analog circuitry. --- ### 3. Application Use Case In an industrial environment, the W2RS-1B3-R2 acts as a "bridge": 1. **Sensor Side:** A sensor outputs a tiny 0-10mV signal (e.g., a shunt or a specific pressure bridge). 2. **Conversion:** The W2RS amplifies this to a more robust 2-10V signal. 3. **Protection:** If a short circuit occurs at the sensor, the 2000V isolation prevents the fault from traveling back to and destroying the expensive PLC/DCS. --- ### 4. Physical Termination The device typically uses a **M3 screw terminal base** for wiring. ```markdown Terminal Layout (Typical): - 1, 2: Output 1 (+/-) - 3, 4: Output 2 (+/-) - 5, 6: Input (+/-) - 7, 8: Power Supply (+/-) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the 2-10V output?
    • ⤷ Can the W2RS-1B3-R2 be mounted on a standard DIN rail?
    • ⤷ What are the environmental temperature limits for this specific model?