W2SP-114-R2
AI

The **W2SP-114-R2** is a specialized electronic component, typically categorized as a high-frequency RF (Radio Frequency) power splitter/combiner or a directional coupler, often used in telecommunications and signal processing equipment.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Component Overview
The "W2SP" series generally refers to **2-Way Surface Mount Power Splitters**. These components are designed to divide an input signal into two output signals with specific phase and amplitude characteristics, or to combine two signals into one.
| Parameter | Typical Specification |
| :--- | :--- |
| **Component Type** | 2-Way 0° Power Splitter / Combiner |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Impedance** | 50 Ohms (Standard RF) |
| **Frequency Range** | Usually optimized for UHF/L-Band/S-Band (model specific) |
| **Configuration** | 1 Input, 2 Outputs |
---
### 2. Key Electronic Characteristics
#### A. Insertion Loss
This represents the power lost during the signal division. For a 2-way splitter, the theoretical minimum loss is 3 dB (half power). The W2SP-114-R2 will have an actual insertion loss slightly higher (e.g., 3.5 dB to 4.2 dB) due to internal resistive and dielectric losses.
#### B. Isolation
This measures the signal leakage between the two output ports. High isolation (measured in dB) is critical to ensure that a reflection or noise on Output A does not interfere with the signal on Output B.
#### C. Phase and Amplitude Balance
* **Amplitude Balance:** The difference in power levels between the two output ports (ideally < 0.5 dB).
* **Phase Balance:** The difference in the phase angle between outputs (ideally < 2 to 5 degrees).
---
### 3. Physical Architecture
The "-R2" suffix often denotes a specific revision or packaging style (such as Tape & Reel for automated assembly).
* **Substrate:** Usually built on a high-frequency ceramic or FR4-type composite.
* **Housing:** Often encapsulated in a plastic or ceramic package with metallic leads for soldering.
* **Internal Circuitry:** Utilizes a **Wilkinson Power Divider** design or a transformer-coupled network to achieve impedance matching and isolation.
---
### 4. Common Applications
* **Antenna Arrays:** Distributing a single RF source to multiple antenna elements.
* **Signal Monitoring:** Tapping off a portion of a signal for diagnostic equipment without interrupting the main line.
* **Communication Base Stations:** Used in cellular (GSM/LTE) and satellite ground equipment.
* **Laboratory Testing:** Dividing a signal generator output to two different test benches.
---
- ⤷
What is the exact frequency range supported by the W2SP-114-R2?
- ⤷ How does the 'R2' suffix change the mounting specifications compared to the base model?
- ⤷ What is the maximum power rating (in Watts) for this specific splitter?