Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2SP-11B-R2

  • AI
    ## Overview of W2SP-11B-R2 The **W2SP-11B-R2** is a specialized electronic component, typically categorized as a **DIP Switch** or a specific type of **Rotary/Slide selector switch** used in industrial automation, telecommunications, and PCB design. It is designed to provide binary or decimal input to a circuit by manually toggling pins. --- ### Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Sealed DIP Switch / Selector Switch | | **Number of Positions** | Usually 10 or 11 positions (depending on specific logic) | | **Mounting Type** | Through-Hole (THT) or Surface Mount (SMD) | | **Contact Rating** | Typically 100mA at 5V DC (Logic Level) | | **Actuator Type** | Raised or Recessed Slide/Rotary | | **Operating Temperature** | -25°C to +70°C (Industrial Grade) | --- ### Electronic Characteristics and Internal Parts The "W2SP" series generally incorporates several internal mechanisms to ensure reliable signal switching: 1. **Contacts (Gold-Plated):** Most variations use gold-plated contacts to prevent oxidation over time, ensuring low contact resistance for low-voltage signals. 2. **Housing (Thermoplastic):** The outer casing is made of high-temperature resistant plastic (e.g., PPS or LCP) to withstand wave soldering or reflow processes. 3. **Sealing (W-Series):** The "W" prefix often denotes a "Washable" or "Waterproof" design. A top tape or internal O-ring seal protects the contacts from flux and cleaning agents during the PCB assembly process. 4. **Wiper Mechanism:** A spring-loaded metal wiper moves across the internal tracks to bridge the connection between the "Common" pin and the selected output pin. --- ### Application Circuitry In digital electronics, these switches are commonly used as "Address Selectors." Below is a basic example of how the switch pins are typically interfaced with a microcontroller using pull-up resistors. ```python # Conceptual logic for reading a selector switch state # (Hardware: 11B-R2 connected to pins 0-10) import machine # Define pins for the switch selector_pins = [machine.Pin(i, machine.Pin.IN, machine.Pin.PULL_UP) for i in range(11)] def read_switch(): state = 0 for i, pin in enumerate(selector_pins): if pin.value() == 0: # Active Low state = i break return state print(f"Current Switch Position: {read_switch()}") ``` --- ### Common Use Cases * **Module Addressing:** Setting a unique ID for a sensor on an RS-485 or CAN bus. * **Mode Selection:** Choosing between different operating modes (e.g., Test Mode vs. Production Mode). * **Hardware Configuration:** Setting baud rates or frequency channels without software intervention.
    ✨ Follow-up Questions
    • ⤷What is the exact pinout diagram for the R2 revision?
    • ⤷ Is the W2SP-11B-R2 compatible with lead-free reflow soldering?
    • ⤷ What are the primary differences between the R2 and the original R1 version?