Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2SP-122-R

  • AI
    The **W2SP-122-R** is a specific part number belonging to the **W2SP series** of power splitters/combiners, typically manufactured by companies like **Mini-Circuits** (or similar RF component specialists). These components are essential in radio frequency (RF) and microwave engineering. --- ### 1. Key Technical Specifications The "122" in the part number usually indicates the frequency range or a specific design iteration, while the "-R" suffix typically denotes **RoHS compliance** (Restriction of Hazardous Substances). | Feature | Description | | :--- | :--- | | **Component Type** | 2-Way 0° Power Splitter / Combiner | | **Configuration** | 1 Input port to 2 Output ports (or vice versa) | | **Frequency Range** | Typically covers wideband (e.g., 500 MHz to 1200 MHz, varying by exact spec) | | **Impedance** | Usually 50 Ohms (Standard RF) | | **Package Type** | Surface Mount (SMD) / Shielded Case | | **Phase Balance** | 0° (In-phase outputs) | --- ### 2. Functional Roles This electronic part serves two primary functions depending on the direction of the signal flow: #### A. Power Splitting (1 to 2) An input signal is divided into two equal-amplitude signals. In an ideal 2-way splitter, the power at each output is half of the input power (minus insertion loss), which is approximately **-3 dB**. #### B. Power Combining (2 to 1) Two signals are fed into the output ports to be combined into a single signal at the input port. This is common in high-power amplifiers where multiple smaller amplifiers are summed together. --- ### 3. Critical Performance Parameters When evaluating the W2SP-122-R, engineers look at these specific metrics: * **Insertion Loss:** The amount of energy lost during the split/combine process beyond the theoretical 3 dB. Lower is better. * **Isolation:** The ability of the device to prevent a signal from leaking from one output port to the other. High isolation (e.g., >20 dB) is preferred. * **Amplitude Unbalance:** How closely the two output signals match in power level. * **Phase Unbalance:** How closely the two output signals match in phase (ideally 0°). * **VSWR (Voltage Standing Wave Ratio):** A measure of how well the component is matched to the system impedance (50 Ohms). --- ### 4. Common Applications * **Signal Distribution:** Splitting a single antenna feed to two separate receivers. * **Balanced Amplifiers:** Splitting a signal to two parallel amplifiers and recombining them to increase power handling. * **Test and Measurement:** Tapping off a portion of a signal for monitoring purposes. * **Phased Array Antennas:** Providing in-phase signals to multiple antenna elements. ---
    ✨ Follow-up Questions
    • ⤷What is the exact frequency range of the W2SP-122-R?
    • ⤷ How does insertion loss affect the efficiency of this power splitter?
    • ⤷ Can the W2SP-122-R be used in 75-ohm systems?