Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2SP-131-R/N

  • AI
    The **W2SP-131-R/N** is a specific electronic component typically categorized as a **Water Sensor Probe** or a **Leak Detection Electrode**. These are commonly used in industrial automation, building management systems (BMS), and safety equipment to detect the presence of conductive liquids (primarily water). --- ### 1. Key Technical Specifications The "R/N" suffix often denotes specific material or mounting variations (e.g., Plastic vs. Stainless Steel or Relay vs. Non-Relay configurations). | Feature | Specification Details | | :--- | :--- | | **Type** | Single-point or Dual-point sensing probe | | **Sensing Method** | Conductivity (Resistance change) | | **Housing Material** | Typically ABS plastic or high-grade polymer | | **Electrode Material** | Stainless Steel (304 or 316) to prevent corrosion | | **Input Voltage** | Often 12V - 24V DC (depends on the controller used) | | **Output Type** | Dry contact or Open Collector | --- ### 2. Functional Principles The probe operates on the principle of **electrical conductivity**: * **Open Circuit:** Under normal dry conditions, there is an air gap between the electrodes, resulting in infinite resistance. * **Closed Circuit:** When water bridges the gap between the electrodes, the liquid acts as a conductor. This completes the circuit and sends a signal to a central monitoring unit or PLC. --- ### 3. Component Breakdown * **The Probe Body:** Designed to be mounted vertically or horizontally at the lowest point where water would collect. * **The Electrodes:** The metal pins at the bottom. They are usually height-adjustable or fixed at a specific depth to determine the "alarm level." * **Internal Circuitry:** Some "R" models include an internal relay (hence the "R"), allowing the part to directly trigger a pump or solenoid valve without an external controller. --- ### 4. Common Applications * **Server Rooms:** Placed under raised floors to detect AC condensation or pipe bursts. * **Industrial Tanks:** Used as a high-level alarm to prevent overflow. * **Basements/Sump Pumps:** Monitoring for flooding. * **HVAC Systems:** Detecting clogged drain pans. --- ### 5. Installation Notes 1. **Placement:** Ensure the electrodes do not touch metal surfaces, as this will cause a false "wet" signal. 2. **Maintenance:** Electrodes should be cleaned periodically to remove mineral buildup (scaling) which can interfere with sensitivity. 3. **Wiring:** Standard 2-wire or 3-wire configurations are used depending on whether the probe is "Active" (powered) or "Passive" (switch-based).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'N' variants in this series?
    • ⤷ How do you test the sensitivity of a conductivity probe?
    • ⤷ Can this sensor be used with non-conductive liquids like oil?