Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2SP-1AB-R

  • AI
    The **W2SP-1AB-R** is a specific component primarily associated with industrial automation, specifically manufactured by **Omron**. It belongs to the series of **Safety Light Curtain cables/connectors** or specific **Switch units** depending on the regional catalog, but it is most commonly identified as a **Plug-In Terminal Block/Connector** or a **Switching Unit accessory**. Below is a detailed breakdown of its electronic and physical specifications. --- ### 1. General Specifications The W2SP-1AB-R is designed for high reliability in industrial environments. It typically serves as an interface component to simplify wiring. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Omron | | **Component Type** | Terminal Block / Interface Unit | | **Mounting Type** | DIN Rail or Plug-in | | **RoHS Compliant** | Yes | | **Typical Application** | Safety Systems, PLC I/O Interfacing | --- ### 2. Key Electronic Features #### A. Contact Configuration The "1AB" designation often refers to the internal contact arrangement: * **1 Pole:** Single circuit control. * **Form A/B:** Often indicates a combination of Normally Open (NO) and Normally Closed (NC) contacts, allowing for failsafe operations. #### B. Electrical Ratings * **Voltage:** Rated for standard industrial control voltages (typically up to **24V DC** or **250V AC** depending on the specific relay/switch load). * **Current Capacity:** Designed to handle control-level signals (usually **1A to 5A**). #### C. Termination Style * **Screw-less or Screw Terminals:** Designed for rapid wiring. The "-R" suffix often denotes a specific orientation (Right-hand) or a specific revision of the terminal layout for easier cable management. --- ### 3. Physical Construction The part is built to withstand harsh factory conditions: * **Housing Material:** High-grade thermoplastic with flame retardant properties (UL94V-0). * **Color Coding:** Often uses industry-standard colors to differentiate between power and signal lines. * **Compact Design:** Designed to save space in crowded electrical cabinets. --- ### 4. Typical Use Case: Safety Light Curtains In many configurations, this part acts as a **Connector/Socket** for Omron F3SJ or F3SG safety light curtains. It allows the user to: 1. Easily replace cables without rewiring the entire system. 2. Provide a secure, vibration-resistant connection for safety-critical signals. 3. Implement "Plug-and-Play" functionality for industrial sensors. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the W2SP-1AB-R?
    • ⤷ Is this component compatible with third-party PLC systems?
    • ⤷ What are the environmental temperature ratings for this part?