W2SP-1B3-R2
AI

The **W2SP-1B3-R2** is a specific model within the **W2SP series**, which are high-performance, stackable, and high-density power inductors often used in automotive and industrial applications. These are typically manufactured by specialized magnetic component providers like **ITG Electronics**.
---
## 1. Core Specifications
The technical attributes of the W2SP-1B3-R2 focus on handling high currents while maintaining a compact footprint through a unique "stacked" design.
| Parameter | Typical Description |
| :--- | :--- |
| **Component Type** | High Current Power Inductor (SMD) |
| **Inductance** | Usually in the range of 150nH to 300nH (Model specific) |
| **Current Rating (Irms)** | Very High (Often >50A depending on thermal conditions) |
| **Saturation Current (Isat)** | High (designed to avoid core saturation under heavy load) |
| **DCR (Resistance)** | Ultra-low (measured in mΩ) to minimize power loss |
| **Operating Temp** | -40°C to +125°C or higher |
---
## 2. Key Electronic Features
### A. Stacked Design
The "W2SP" prefix often refers to the **Window-type Stacked Power** architecture. Unlike traditional flat inductors, these use a vertical stacking method to:
* Reduce the PCB footprint.
* Improve thermal dissipation.
* Allow for higher current density in multi-phase Voltage Regulator Modules (VRM).
### B. Low DCR (DC Resistance)
The internal copper winding is designed with a large cross-sectional area. This results in extremely low resistance, which is critical for:
* Increasing efficiency in power conversion.
* Reducing heat generation during high-current operations.
### C. Magnetic Shielding
The part is typically shielded. This prevents electromagnetic interference (EMI) from leaking out and affecting sensitive neighboring components on the PCB, which is vital for high-frequency switching power supplies.
---
## 3. Typical Applications
The W2SP-1B3-R2 is engineered for demanding environments where space is at a premium and power requirements are high:
1. **Server & Data Centers:** Used in VRMs for CPUs and GPUs.
2. **Automotive Electronics:** Powering Advanced Driver Assistance Systems (ADAS) and Infotainment units.
3. **Industrial Computing:** High-load DC-DC converters.
4. **Telecom:** Base station power modules.
---
## 4. Package Dimensions (Generic Example)
While specific to the R2 revision, these parts generally follow a standard high-current SMD footprint:
```text
Example Footprint:
Length: ~10.0 mm
Width: ~7.0 mm
Height: ~10.0 mm (Stacked height is usually the defining feature)
```
- ⤷What is the difference between the R2 and R1 versions of this inductor?
- ⤷ Can you provide the exact saturation current (Isat) for the W2SP-1B3-R2?
- ⤷ What are the recommended reflow soldering profiles for stacked inductors?