W2SP-1B4-R2/N
AI

The **W2SP-1B4-R2/N** refers to a high-performance **Industrial Panel PC / Workstation** component, typically associated with the W2SP series manufactured by companies like **Advantech** or specialized industrial computing providers. These units are designed for rugged environments and human-machine interface (HMI) applications.
---
### 🛠️ Technical Specifications Table
| Feature | Description / Specification |
| :--- | :--- |
| **Component Category** | Industrial Panel PC / Workstation Module |
| **Display Type** | Typically 15" - 21" Industrial Grade LCD |
| **Processor Support** | Intel Core i3/i5/i7 or Celeron (Generation dependent) |
| **Mounting Style** | Panel Mount / VESA Mount |
| **Input Voltage** | 12V - 24V DC (Industrial standard) |
| **Ingress Protection** | Front panel IP65/IP66 (Water/Dust resistant) |
| **Communication** | Dual Gigabit Ethernet, USB 3.0, RS-232/422/485 |
---
### 🔌 Key Electronic Sub-Systems
#### 1. The Mainboard (SBC)
The heart of the unit is a **Single Board Computer (SBC)**. Unlike consumer PCs, these boards use high-quality solid capacitors to withstand high temperatures and vibration. They often feature an "all-in-one" design to minimize internal cabling, which is a common point of failure in industrial settings.
#### 2. Power Supply Unit (PSU) - DC-to-DC
The "R2/N" designation often implies specific power or revision configurations. These units utilize a **DC-to-DC wide-range power converter**. This allows the device to handle fluctuations in factory power grids and protects the sensitive logic circuits from electromagnetic interference (EMI).
#### 3. Touchscreen Controller
The "1B4" segment usually denotes the touch technology, likely a **Projected Capacitive (PCAP)** or **5-wire Resistive** touch controller.
* **PCAP:** Multi-touch, scratch-resistant glass.
* **Resistive:** Operable with heavy industrial gloves.
#### 4. Thermal Management
Since these are often fanless units, they rely on a **Passive Cooling System**. The electronic components are thermally coupled to the aluminum rear chassis, which acts as a giant heat sink to dissipate heat without drawing in dust or metallic shavings.
---
### 📁 Sample Connectivity Configuration (Example Block)
```yaml
Connectivity:
Ethernet: 2 x RJ45 (10/100/1000 Mbps)
Serial: 2 x DB9 (COM1/COM2)
Video Out: 1 x HDMI / 1 x DisplayPort (for secondary monitor)
Expansion: 1 x Mini-PCIe (usually for Wi-Fi or LTE modules)
Storage: 1 x mSATA or 2.5" SSD Bay
```
---
### ⚠️ Integration Notes
* **Environment:** Ensure the ambient temperature does not exceed the rated 50°C - 60°C.
* **Grounding:** The "N" in some nomenclature indicates specific grounding or neutral requirements for the chassis to prevent static buildup on the touch surface.
- ⤷
What are the specific mounting requirements for the W2SP series?
- ⤷ How does the IP65 rating affect the maintenance of the internal electronics?
- ⤷ Can the storage on this unit be upgraded to NVMe?