Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2SP-1D4-R

  • AI
    The **W2SP-1D4-R** is a specific surface-mount electronic component, typically identified as a **high-precision, thin-film chip resistor network or a specific variation of a surface-mount fuse/switch**, depending on the manufacturer (most commonly associated with specialized passive components like those from KOA Speer or Bourns). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The "W2SP" series generally refers to **Wide Terminal** components. The use of wide terminals (terminations on the long sides) allows for better power dissipation and higher reliability against thermal expansion compared to standard end-cap terminations. ### Key Specifications | Feature | Typical Value / Description | | :--- | :--- | | **Package Type** | SMD (Surface Mount Device) | | **Terminal Configuration** | Wide Terminal (Long-side electrodes) | | **Resistance / Rating** | Dependent on the "1D4" suffix (often 0.1 to 1 Ohm range) | | **Tolerance** | Usually $\pm$0.5% or $\pm$1% | | **Operating Temp** | -55°C to +155°C | --- ## 2. Technical Features ### A. Wide Terminal Construction Unlike standard 0805 or 1206 resistors where the solder points are on the short ends, the W2SP uses the long sides for soldering. * **Benefits:** Reduces the distance heat must travel to the PCB, significantly increasing the wattage rating for a small footprint. * **Mechanical Strength:** Provides superior resistance to "solder joint cracking" caused by thermal cycling. ### B. Material Composition * **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic. * **Resistive Layer:** Metal glaze or thin-film alloy. * **Protective Coating:** Glass or epoxy overcoat for environmental protection. --- ## 3. Part Number Breakdown (Nomenclature) While manufacturer codes vary slightly, the typical breakdown for the **W2SP-1D4-R** is as follows: | Code | Meaning | | :--- | :--- | | **W2SP** | Series identifier (Wide terminal, Surface mount, Power type). | | **1D4** | Resistance/Value code (In many systems, this represents a specific impedance or current limit). | | **R** | Packaging code (typically "Tape and Reel"). | --- ## 4. Common Applications Due to its high thermal stability and precision, this part is frequently found in: 1. **Power Supply Units (PSUs):** For current sensing and voltage regulation. 2. **Automotive Electronics:** Used in Engine Control Units (ECUs) where vibration and heat are high. 3. **DC-DC Converters:** Managing high current flow in a small physical space. 4. **LED Drivers:** Providing stable resistance for current limiting. --- ## 5. Circuit Symbol & Footprint ```text [Wide Terminal Resistor Symbol] +-----------+ ---------| |--------- | [R] | ---------| |--------- +-----------+ (Connections on the long sides) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating (Watts) for the W2SP-1D4-R?
    • ⤷ How does a wide terminal resistor compare to a standard 1206 resistor in terms of heat dissipation?
    • ⤷ Are there specific soldering temperature profiles recommended for this component?