Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2SP-234-R2

  • AI
    The **W2SP-234-R2** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) Inductor or RF component**, often associated with power management or signal filtering in compact electronic assemblies. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The "W2SP" series generally refers to wire-wound surface mount components designed for high-frequency performance and stability. | Feature | Description | | :--- | :--- | | **Component Type** | Wire-wound Surface Mount Inductor / Filter | | **Mounting Type** | SMT (Surface Mount Technology) | | **Tolerance** | Typically ±5% to ±20% (Standard for R2 variants) | | **Operating Temp** | -40°C to +125°C (Industrial Grade) | | **Construction** | Ferrite or Ceramic core with copper winding | | **Packaging** | Tape and Reel for automated assembly | --- ### 2. Physical Characteristics The nomenclature **234-R2** often dictates the physical footprint and the electrical value. * **Size Code (234):** This usually refers to the EIA dimensions or a proprietary manufacturer case size (e.g., approximately 2.3mm x 3.4mm). * **Revision/Value (R2):** In many electronic naming conventions, "R" acts as a decimal point. However, in this specific part number suffix, "R2" often denotes **Revision 2** of the design or a specific resistance/inductance tier. --- ### 3. Electronic Functions The W2SP-234-R2 serves three primary roles in a circuit: 1. **EMI Suppression:** It acts as a choke to filter out high-frequency electromagnetic interference from power lines. 2. **Energy Storage:** In DC-DC converters, it stores energy in a magnetic field during the switching cycle. 3. **Impedance Matching:** In RF circuits, it ensures that the signal transitions between components without reflection or loss. --- ### 4. Typical Applications These parts are commonly found in: * **Mobile Devices:** Power management IC (PMIC) circuits. * **Automotive Electronics:** Sensors and infotainment systems requiring high-temperature stability. * **Telecommunications:** Base station signal processing units. --- ### 5. Schematic Representation In a circuit diagram, this part is represented by an inductor symbol: ```text L1 (W2SP-234-R2) ----( mmmm )---- Inductor ```
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value in Microhenries (uH) for the R2 variant?
    • ⤷ Can this component be used in high-vibration automotive environments?
    • ⤷ What are the recommended reflow soldering profiles for the W2SP series?