W2SP-2A2-R2/N
AI

The **W2SP-2A2-R2/N** belongs to a series of high-performance **Signal Conditioners** (specifically an isolating transmitter) manufactured by **M-System**. These devices are used in industrial automation to convert, isolate, and transmit electrical signals between field sensors and control systems (like PLCs or DCS).
---
### 1. Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Model Series** | W2SP (Ultra-slim Signal Conditioner) |
| **Input Signal** | DC Current or Voltage (Variable based on configuration) |
| **Output 1** | 4 – 20 mA DC |
| **Output 2** | 1 – 5 V DC |
| **Power Input** | 24 V DC |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Mounting** | DIN Rail Mounting |
| **Accuracy** | ±0.1% of span |
---
### 2. Breakdown of the Model Code
To understand the electronic capabilities, we can decode the part number:
* **W2SP**: The series identifier. "W2" indicates a **Dual Output** signal conditioner in a slim-line housing (approx. 5.9 mm width).
* **2A2**:
* **2**: Input signal type (often 4–20 mA DC).
* **A**: Output 1 (4–20 mA DC).
* **2**: Output 2 (1–5 V DC).
* **R2**: Indicates the power supply requirement, typically **24V DC**.
* **N**: Compliance or special feature suffix (often denoting specific terminal types or standard non-explosion proof options).
---
### 3. Electronic Functional Blocks
The internal circuitry of the W2SP-2A2-R2/N consists of four primary stages:
#### A. Input Stage
Includes a precision shunt resistor or an operational amplifier circuit to receive the field signal. It features surge protection to prevent damage from transient voltages.
#### B. Isolation Barrier
Uses **Optical or Magnetic Coupling** to separate the input, output, and power circuits. This is critical for:
* Breaking ground loops.
* Protecting control equipment from high-voltage surges in the field.
* Reducing signal noise.
#### C. Signal Conversion & Scaling
The "brains" of the unit. It takes the isolated input and scales it linearly to match the dual output requirements (current and voltage simultaneously).
#### D. Dual Output Drivers
High-precision analog drivers that ensure the 4-20mA loop has enough compliance voltage to drive long-distance wires, and the 1-5V output maintains stability for local monitoring.
---
### 4. Application Example
```python
# Conceptual Logic: How a PLC interacts with the W2SP
sensor_input = "4-20mA from Field"
# The W2SP performs:
output_1 = sensor_input # Loop to PLC Input
output_2 = convert_to_volts(sensor_input) # 1-5V to local Chart Recorder
# Result:
# Total isolation ensures the Sensor ground
# does not interfere with the PLC ground.
```
- ⤷
What is the maximum load resistance for the 4-20mA output on this model?
- ⤷ How does 3-way isolation differ from 2-way isolation in this circuit?
- ⤷ Can the input range be field-reconfigured or is it fixed?