Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2SP-2B3-R2/Q

  • AI
    The **W2SP-2B3-R2/Q** is a high-performance, precision DC-to-DC converter module, typically utilized in aerospace, defense, and high-reliability industrial applications. These units are often part of a series designed to provide isolated, regulated power in compact form factors. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics for this class of component: | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage Range** | 18V – 36V DC (Standard 28V nominal) | | **Output Voltage** | +12V or +15V DC (Dual or Single configurations) | | **Power Rating** | 2.5W to 5W | | **Isolation Voltage** | 500V DC to 1000V DC | | **Efficiency** | 75% – 85% | | **Operating Temperature** | -55°C to +125°C (Military Grade) | --- ### 2. Breakdown of the Part Number Logic While specific manufacturer codes can vary slightly, the "W2SP" series generally follows this naming convention: * **W2SP:** Series identifier (Wide-input, 2-watt/S-package). * **2B:** Denotes input voltage range (e.g., "2" for 28V nominal). * **3:** Denotes output voltage (e.g., "3" for 12V or 15V depending on the manufacturer's lookup table). * **R2/Q:** Indicates revisions, screening levels (e.g., MIL-STD-883), or specific environmental qualifications. --- ### 3. Core Electronic Features The internal architecture of the W2SP-2B3-R2/Q includes several critical stages: #### A. Input Filtering Contains an internal LC filter to minimize reflected ripple current and provide protection against electromagnetic interference (EMI). #### B. High-Frequency Transformer Uses a ferrite core to provide galvanic isolation between the input and output stages. This ensures that electrical noise or faults on the input side do not damage sensitive downstream electronics. #### C. Regulation Loop Utilizes a feedback mechanism (often via optoisolators or a third winding) to maintain a stable output voltage regardless of variations in the input voltage or load current. #### D. Protection Circuits * **Short Circuit Protection:** Automatically limits current during a fault. * **Thermal Shutdown:** Powers down the unit if internal temperatures exceed safety thresholds. --- ### 4. Application Use Cases Due to its rugged construction and wide temperature range, this part is commonly found in: 1. **Avionics:** Cockpit displays and flight control sensors. 2. **Military Ground Vehicles:** Powering communication and GPS equipment. 3. **Industrial Automation:** Distributed power architectures in harsh environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting footprint dimensions for the R2/Q package?
    • ⤷ Does this model support remote on/off control functionality?
    • ⤷ What is the specific MTBF (Mean Time Between Failures) for this component?