AI

The **W2SP-2D4-R2/N** belongs to the **W2SP series**, which are high-performance, compact, and programmable temperature controllers/signal transducers, typically manufactured by companies like **M-System** (now MG CO., LTD.).
---
### 1. Part Number Breakdown
The alphanumeric code identifies the specific electrical characteristics and configuration of the unit:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | **W2SP** | Programmable Temperature Transmitter (Ultra-slim, plug-in style) |
| **Output 1** | **2** | 0 – 20 mA DC (Configurable) |
| **Output 2** | **D** | 0 – 10 V DC (Configurable) |
| **Power Input** | **4** | 100 – 240 V AC |
| **Options** | **R2** | Dual output (Independent configuration) |
| **Standard** | **N** | Standard model (No specific special options) |
---
### 2. Key Electronic Specifications
This device acts as a bridge between industrial sensors and control systems (PLC/DCS).
* **Input Types:** Multi-input capability. It can accept signals from:
* **Thermocouples:** K, E, J, T, B, R, S, C, N, U, L, P.
* **RTDs:** Pt 100, JPt 100, Pt 50, Ni 508.4.
* **DC Voltage/Current:** mV and Volts.
* **Dual Output (R2):** It provides two isolated outputs. This allows one signal to go to a local display while the second goes to a PLC.
* **Isolation:** 2000V AC isolation between Input – Output 1 – Output 2 – Power – Ground.
* **Accuracy:** Typically ±0.1% of span (depends on the sensor type).
* **Response Time:** $\leq$ 0.5 seconds (0 to 90%).
---
### 3. Internal Components and Circuitry
The W2SP series uses high-precision electronic architecture to ensure signal integrity:
1. **A/D Converter:** Converts the analog sensor voltage into a digital signal for processing.
2. **Microprocessor ($\mu$P):** Handles linearization (correcting the non-linear curve of thermocouples) and cold-junction compensation.
3. **Isolation Transformer:** Uses high-frequency switching to provide galvanic isolation, preventing ground loops.
4. **D/A Converter & Driver:** Converts the processed digital value back into a precise 4-20mA or 0-10V analog signal.
---
### 4. Wiring Diagram Representation
The unit typically features a plug-in base for easy maintenance.
```text
[ Terminal Layout ]
1 - 2 : Power Input (100-240V AC)
3 : Ground
4 - 5 : Output 1 (+) (-)
6 - 7 : Output 2 (+) (-)
8 - 10: Input Terminals (Sensor Connection)
```
---
- ⤷
How do you program the input range for the W2SP-2D4-R2/N?
- ⤷ What is the specific purpose of cold-junction compensation in this device?
- ⤷ Can the dual outputs be configured for different scales?