Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2TG0-2CY-R2/N

  • AI
    The **W2TG0-2CY-R2/N** appears to be a specific manufacturer part number associated with high-frequency RF (Radio Frequency) components, likely a **Directional Coupler** or a similar passive microwave component produced by companies like **Mini-Circuits** or specialized RF vendors (often part of the W2TG series). Below is a breakdown of the typical electronic specifications and characteristics associated with this class of component. --- ### 1. Component Overview This part is generally a surface-mount device (SMD) used for signal monitoring, leveling, and power measurement in telecommunications and RF circuitry. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Directional Coupler / Power Splitter | | **Frequency Range** | Typically 5 MHz to 2000 MHz (Broadband) | | **Coupling Value** | Often 10dB, 15dB, or 20dB (Check specific datasheet) | | **Impedance** | 50 Ohms or 75 Ohms (Commonly 75Ω for CATV/DOCSIS) | | **Package Style** | Case Style (e.g., GU1604 / Low Profile) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Key Technical Parameters #### A. Coupling (dB) The "2CY" portion of the part number often indicates the coupling factor. This determines how much power is "tapped" from the main transmission line to the coupled port. #### B. Insertion Loss This represents the power lost as the signal travels from the input to the output. High-quality parts like the R2/N series aim for low insertion loss (usually < 1.5 dB) to maintain signal integrity. #### C. Directivity A critical metric for directional couplers. It measures the device's ability to differentiate between forward and reflected waves. High directivity (e.g., > 20 dB) is essential for accurate Return Loss measurements. --- ### 3. Pin Configuration and Internal Logic While physical layouts vary by package, a standard 5-pin or 6-pin RF coupler follows this logic: ```text [1] Input Port (IN) [2] Ground (GND) [3] Coupled Port (CPL) [4] Terminated Port (Internal or External) [5] Ground (GND) [6] Output Port (OUT) ``` --- ### 4. Typical Applications * **CATV Infrastructure:** Used in cable signal distribution to ensure consistent signal levels across different nodes. * **VHF/UHF Receivers:** For monitoring signal strength without interrupting the primary signal path. * **Power Monitoring:** Used in the feedback loop of a Power Amplifier (PA) to adjust gain dynamically. --- ### 5. Part Number Suffix Breakdown (`-R2/N`) * **R2:** Often refers to the specific revision of the ceramic substrate or the tape-and-reel packaging specification (e.g., 13-inch reel). * **N:** Typically denotes "RoHS Compliant" or "Nickel-free" finish, depending on the manufacturer's environmental standards.
    ✨ Follow-up Questions
    • ⤷ Does this component require an external termination resistor on the isolated port?
    • ⤷ What is the maximum power handling (Watts) for the W2TG0 series?
    • ⤷ Is this part compatible with 75 Ohm CATV systems?