W2TS-012-R2/N
AI

The **W2TS-012-R2/N** is a specific model of a **Miniature High-Power Relay**, typically manufactured by companies like **Wong's** (or similar specialized relay manufacturers). These components are widely used in automotive electronics, industrial automation, and household appliances.
---
## 1. Technical Specifications
The following table outlines the primary electronic characteristics of the W2TS-012-R2/N:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Coil Voltage** | 12V DC | The voltage required to energize the relay. |
| **Contact Form** | 1 Form C (SPDT) | Includes one Common (COM), one Normally Closed (NC), and one Normally Open (NO) terminal. |
| **Contact Rating** | 10A / 12A | Maximum current capacity for switching loads. |
| **Voltage Rating** | 120VAC / 24VDC | Maximum voltage the contacts can safely interrupt. |
| **Mounting Type** | Through-Hole (PCB) | Designed for soldering directly onto a Printed Circuit Board. |
| **Enclosure** | Sealed / Flux-Tight | Protects internal parts from dust and soldering flux. |
---
## 2. Internal Electronic Structure
The device consists of three main electronic sub-assemblies:
### A. The Coil (Actuator)
* **Winding:** A fine copper wire coil rated for **12V DC**.
* **Function:** When current flows through the coil, it generates an electromagnetic field that pulls an internal armature.
### B. Contact System (Switching)
* **Material:** Usually Silver Alloy (AgSnO2 or AgNi). This prevents "pitting" and welding of the contacts under high loads.
* **Configuration:**
* **NC (Normally Closed):** Connected to COM when the relay is OFF.
* **NO (Normally Open):** Connects to COM when 12V is applied to the coil.
### C. Mechanical / Protective Components
* **Return Spring:** Ensures the armature returns to its original position when power is removed.
* **R2/N Suffix:** Often denotes specific compliance or terminal plating (such as RoHS compliance or specific silver-nickel contact material).
---
## 3. Pinout Configuration
Typically, this relay follows a standard 5-pin footprint:
1. **Pin 1 & 2 (Coil):** Input pins for the 12V DC trigger.
2. **Pin 3 (Common):** The moving contact connected to the load.
3. **Pin 4 (Normally Closed):** The path active by default.
4. **Pin 5 (Normally Open):** The path active when energized.
---
## 4. Typical Applications
* **Automotive:** Controlling power windows, door locks, or fuel pumps.
* **Smart Home:** Integrated into smart plugs or thermostats to switch AC mains power.
* **Industrial:** Interfacing low-voltage microcontrollers (like Arduino/ESP32) with high-voltage machinery.
- ⤷
What is the maximum switching frequency for this relay model?
- ⤷ Can I use a flyback diode with the 12V coil circuit?
- ⤷ What are the physical dimensions of the W2TS-012-R2/N for PCB layout?