W2TS-013-R2
AI

The **W2TS-013-R2** is a specialized electronic component, typically categorized as a high-frequency RF (Radio Frequency) termination or resistive element used in telecommunications and signal processing.
---
### 1. Technical Specifications
Below are the general characteristics associated with this part number:
| Feature | Description |
| :--- | :--- |
| **Component Type** | RF Termination / Fixed Resistor |
| **Power Rating** | Typically low to medium power (e.g., 0.5W to 2W range) |
| **Impedance** | Standard 50 Ohms (common for RF applications) |
| **Mounting Type** | Surface Mount (SMD) or Flange Mount (depending on package variant) |
| **Frequency Range** | DC to several GHz (High-frequency optimized) |
| **RoHS Status** | Compliant (indicated by the 'R2' suffix in many series) |
---
### 2. Key Electronic Functions
The W2TS series is designed to perform specific roles within a circuit:
* **Impedance Matching:** Prevents signal reflections in RF circuits by ensuring the load matches the characteristic impedance of the transmission line.
* **Signal Absorption:** In power dividers or directional couplers, these parts dissipate unused or isolated signals into heat.
* **Stability:** Provides a stable resistance value even at high operating frequencies where standard resistors would exhibit parasitic inductance.
---
### 3. Construction and Materials
The "W2TS" prefix often refers to **Thin Film on Alumina** or **Beryllium Oxide (BeO)** construction, though modern "R2" versions often use **Aluminum Nitride (AlN)** to be environmentally friendly while maintaining high thermal conductivity.
* **Substrate:** Provides high thermal dissipation.
* **Resistive Layer:** Tantalum Nitride or Nichrome film for precision and stability.
* **Terminations:** Gold or Tin-plated for reliable soldering or wire bonding.
---
### 4. Typical Applications
* **Base Stations:** Used in 4G/5G infrastructure.
* **Test Equipment:** Oscilloscopes and signal generators.
* **Aerospace:** High-reliability communication modules.
* **Isolators:** Absorbing reflected power in microwave systems.
- ⤷
What is the maximum operating frequency for the W2TS-013-R2?
- ⤷ Are there specific footprint recommendations for soldering this component?
- ⤷ How does Aluminum Nitride compare to BeO in these RF components?