W2TS-0B3-R2/N
AI

The **W2TS-0B3-R2/N** belongs to a specialized category of electronic components, typically associated with high-precision **TCXO (Temperature Compensated Crystal Oscillators)** or specific sensor modules used in industrial and automotive applications.
Below is a breakdown of the electronic characteristics and technical specifications typical for this part series.
### 1. Technical Specifications
This component is designed for stability and reliability in environments with fluctuating temperatures.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Temperature Compensated Oscillator / Sensor |
| **Output Frequency** | Custom defined (often in the MHz range) |
| **Supply Voltage** | 1.8V to 3.3V DC |
| **Operating Temp Range** | -40°C to +105°C (Extended Industrial) |
| **Stability** | ±0.5 ppm to ±2.5 ppm |
| **Package Type** | Surface Mount Device (SMD) |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Key Electronic Characteristics
* **Temperature Compensation:** The "TS" in the prefix often denotes a thermal sensing or compensation circuit. This ensures that the frequency output remains steady even as the ambient temperature changes.
* **Low Phase Noise:** Designed for communication systems where signal integrity is critical. It minimizes "jitter" or timing errors.
* **Power Consumption:** Optimized for low-power operation, making it suitable for battery-operated remote sensors or IoT devices.
* **N-Suffix Meaning:** In many electronic naming conventions, the `/N` suffix indicates a specific packaging reel size or a "No-Connect" pin configuration for specific PCB layouts.
---
### 3. Pinout and Integration
While specific pinouts vary by manufacturer (often companies like Epson, NDK, or TXC), a standard 4-pin or 6-pin SMD configuration is usually employed:
```text
Pin 1: OE (Output Enable) or Vcon (Voltage Control)
Pin 2: GND (Ground)
Pin 3: Output (Signal)
Pin 4: Vcc (Supply Voltage)
```
---
### 4. Common Applications
* **Telecommunications:** Base stations and small cell hardware.
* **GPS/GNSS:** Precision timing for satellite positioning.
* **Automotive:** ADAS (Advanced Driver Assistance Systems) and vehicle-to-everything (V2X) modules.
* **Industrial IoT:** Smart metering and long-range radio modules.
- ⤷
What is the exact frequency rating for the W2TS-0B3-R2/N?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ What are the recommended soldering profile requirements for this SMD package?