W2TS-113-R2
AI

The **W2TS-113-R2** is a specialized electronic component, typically categorized as a high-precision **Thin Film Chip Resistor** or part of a **Resistor Network** series (often associated with manufacturers like Vishay or Susumu in specific configurations).
Below is a breakdown of its electronic characteristics and technical specifications.
---
## 1. Technical Specifications
The "W2TS" series generally refers to wire-bondable thin-film resistors designed for hybrid microelectronic assemblies.
| Feature | Typical Specification |
| :--- | :--- |
| **Material** | Tantalum Nitride (TaN) or Nichrome (NiCr) |
| **Resistance Range** | Often custom-trimmed (10 $\Omega$ to 1 M$\Omega$) |
| **Tolerance** | $\pm$0.1% to $\pm$5% |
| **TCR (Temp. Coefficient)** | $\pm$25 ppm/°C to $\pm$100 ppm/°C |
| **Substrate** | Silicon, Alumina, or Quartz |
| **Termination** | Gold (Au) for wire bonding |
---
## 2. Key Electronic Features
### A. Thin Film Technology
Unlike standard thick film resistors, the W2TS series uses thin-film deposition. This results in:
* **Lower Noise:** Reduced thermal and current noise.
* **High Stability:** Excellent performance over long periods and varying temperatures.
* **Precision:** Ability to achieve very tight tolerances through laser trimming.
### B. Moisture Resistance
If the part uses Tantalum Nitride, it provides a self-passivating layer. This makes the component highly resistant to moisture and electrolytic corrosion, which is critical for military or aerospace applications.
### C. Wire-Bondable Design
The "R2" suffix often denotes the specific pad layout or the revision of the chip design. These parts are not meant for standard SMT (Surface Mount Technology) soldering; instead, they are designed for:
* **Gold Ball Bonding**
* **Aluminum Wedge Bonding**
---
## 3. Common Applications
Due to its small form factor and high reliability, the W2TS-113-R2 is commonly found in:
1. **Hybrid Microcircuits:** Integrating multiple chips onto a single ceramic substrate.
2. **Medical Electronics:** Used in implantable devices where space and reliability are paramount.
3. **RF/Microwave Modules:** Low parasitic capacitance makes them suitable for high-frequency signals.
4. **Sensors:** Precision voltage division in industrial sensor modules.
---
## 4. Handling and Assembly
Since these parts are often bare die or chip-scale components:
* **ESD Sensitivity:** Highly sensitive to static; must be handled in ESD-protected areas.
* **Storage:** Should be stored in nitrogen-purged cabinets or vacuum-sealed bags to prevent oxidation of the gold pads.
- ⤷
What is the difference between Tantalum Nitride and Nichrome thin films?
- ⤷ How does wire bonding compare to traditional SMT soldering for this part?
- ⤷ Can this component be used in high-frequency RF applications?