Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2TS-3BB-R2/N

  • AI
    The **W2TS-3BB-R2/N** belongs to a specific category of industrial automation components, typically associated with **Signal Conditioners** or **Isolation Transmitters**. These devices are critical in industrial environments to ensure that analog signals (like temperature or pressure) are transmitted accurately without interference from electrical noise or ground loops. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series (often manufactured by companies like **Watanabe Electric** or similar industrial controls providers), here are the primary electronic characteristics: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Two-wire Signal Transmitter / Isolator | | **Input Signal** | Typically DC Current (e.g., 4-20mA) or Voltage | | **Output Signal** | 4-20mA DC (Loop Powered) | | **Isolation** | Input to Output galvanic isolation | | **Power Supply** | Loop-powered (usually 12V to 45V DC) | | **Mounting** | DIN Rail or Plug-in Socket | --- ### 2. Functional Electronic Parts The internal circuitry of the W2TS series is designed for high precision and stability. Key electronic sections include: #### A. Signal Conditioning Front-end * **Precision Resistors:** Used to convert input current into a proportional voltage. * **Operational Amplifiers (Op-Amps):** Low-drift amplifiers ensure the signal is buffered and scaled accurately before processing. #### B. Galvanic Isolation Layer * **Photocoupler / Transformer:** This part electronically separates the input circuit from the output circuit. It prevents high-voltage surges or ground potential differences from damaging the control system (PLC/DCS). #### C. Power Management (Loop Power) * **Zener Diodes & Regulators:** Since it is a "Two-wire" system, the device extracts its operating power directly from the 4-20mA output loop. These components ensure the internal electronics have a stable voltage despite fluctuations in the loop supply. #### D. Zero and Span Adjustment * **Potentiometers (Trimmers):** Located on the front or side of the unit (marked as `ZERO` and `SPAN`), these allow the user to calibrate the electronic offset and gain of the signal. --- ### 3. Application Use Case In a typical electronic setup, the **W2TS-3BB-R2/N** acts as a "bridge": 1. **Sensor Input:** A sensor sends a raw signal. 2. **Conversion:** The W2TS converts this into a standardized 4-20mA signal. 3. **Protection:** It cleans the signal of noise. 4. **Long Distance:** It drives the signal over long cables to a control room with minimal loss. --- ### 4. Wiring Diagram Concept ```mermaid graph LR A[Input Signal] --> B[W2TS-3BB-R2/N] B --> C[DC Power Supply] B --> D[PLC / Controller] C --- D ```
    ✨ Follow-up Questions
    • ⤷ What is the exact input range for the '3BB' configuration of this model?
    • ⤷ How do you calibrate the Zero and Span on this specific transmitter?
    • ⤷ What is the maximum load resistance the output loop can handle?