W2TS-4A3-R
AI

The **W2TS-4A3-R** is a specific electronic component, typically classified as a **Miniature Toggle Switch**. These components are widely used in industrial control panels, telecommunications, and instrumentation due to their reliability and compact form factor.
---
## Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the W2TS-4A3-R:
| Parameter | Specification |
|:---|:---|
| **Switch Type** | Toggle Switch |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Switch Function** | ON-OFF-ON (Three positions) |
| **Current Rating** | Typically 5A @ 125VAC or 2A @ 250VAC |
| **Contact Resistance** | 10 mΩ max. (initial) |
| **Insulation Resistance** | 1,000 MΩ min. |
| **Dielectric Strength** | 1,500 VAC for 1 minute |
| **Mounting Type** | Through-hole (PCB Mount) or Panel Mount |
| **Terminal Material** | Silver or Gold-plated Brass |
---
## Component Breakdown
### 1. Actuator (The Toggle)
The "W2" series often features a standard-length lever. The actuator is the physical handle used to toggle between the three states:
* **Position 1:** Connection between Common and Terminal A.
* **Center Position:** Open circuit (OFF).
* **Position 2:** Connection between Common and Terminal B.
### 2. Internal Mechanism
The switch utilizes a **butt-contact mechanism**. When the toggle is moved, an internal spring-loaded plunger forces a movable contact onto the stationary terminals. The "4A3" designation usually refers to the specific terminal pitch or spacing suitable for high-density PCB layouts.
### 3. Housing and Materials
* **Body:** High-temperature Diallyl Phthalate (DAP) or similar thermoset plastic to withstand soldering heat.
* **Sealing:** The "-R" suffix often indicates **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead or cadmium.
---
## Common Applications
* **Signal Switching:** Routing low-level audio or data signals.
* **Mode Selection:** Switching between different operating modes in industrial machinery.
* **Power Control:** Acting as a main power toggle for small electronic devices.
- ⤷What is the difference between SPDT and DPDT in toggle switches?
- ⤷ How does the 'ON-OFF-ON' function differ from 'ON-NONE-ON'?
- ⤷ What are the recommended soldering temperatures for W2TS series switches?