W2TS-N23-R2/N
AI

The **W2TS-N23-R2/N** refers to a specific configuration of a high-precision, non-contact thermal sensor or infrared (IR) sensor module, commonly associated with temperature monitoring in industrial automation or smart appliance applications.
---
### 1. Component Overview
This part is typically a **Thermopile Sensor Module**. Unlike standard contact thermistors, it detects infrared radiation to measure the temperature of an object from a distance.
| Specification Category | Typical Detail |
| :--- | :--- |
| **Sensor Type** | Infrared (IR) Thermopile |
| **Output Type** | Digital (often I2C or PWM) |
| **Field of View (FOV)** | Specific narrow or wide-angle (depending on "N23" code) |
| **Target Temperature Range** | Usually -20°C to +100°C (standard range) |
| **Operating Voltage** | 3.3V or 5V DC |
---
### 2. Breakdown of the Model Code
While naming conventions vary by manufacturer (often OMRON or similar specialty electronic firms), the suffix codes generally represent the following:
* **W2TS**: Series identifier (Thermal Sensor module).
* **N23**: Defines the **Field of View (FOV)** and optical characteristics. This indicates how wide an area the sensor "sees."
* **R2**: Refers to the **Interface/Resolution** (e.g., specific communication protocol or sensitivity level).
* **N**: Usually indicates a **Lead-free/RoHS compliant** version or a specific mounting orientation.
---
### 3. Core Electronic Features
#### A. Thermopile Array
The heart of the device consists of multiple thermocouples connected in series. When IR radiation hits the sensor membrane, it creates a small voltage (Seebeck effect), which is then processed by an internal ASIC.
#### B. Internal ASIC (Signal Processing)
The module contains an integrated circuit that performs:
* **Amplification**: Boosting the tiny microvolt signals from the thermopile.
* **A/D Conversion**: Converting analog signals into digital data.
* **Ambient Compensation**: Correcting the reading based on the sensor's own internal temperature.
#### C. Connection Pinout (Typical)
Most modules in this series utilize a 4-pin or 5-pin connector:
1. **VCC**: Power Supply.
2. **GND**: Ground.
3. **SDA**: Serial Data Line (I2C).
4. **SCL**: Serial Clock Line (I2C).
---
### 4. Typical Applications
* **Microwave Ovens**: Measuring food temperature in real-time to prevent overcooking.
* **Occupancy Detection**: Detecting human presence based on heat signatures.
* **Industrial Monitoring**: Checking for hotspots in electrical panels or moving machinery parts.
---
- ⤷
What is the exact Field of View (FOV) angle for the N23 variant?
- ⤷ How do I interface this sensor with an Arduino or Raspberry Pi?
- ⤷ What is the difference between the R2 and R1 versions of this sensor?