Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2XM-1V2V2-R2

  • AI
    Based on the technical specifications for the **W2XM-1V2V2-R2**, this device is an ultra-slim, signal conditioner (transducer) manufactured by **M-System**. It is designed to accept two independent DC voltage or current inputs and provide two isolated DC outputs. --- ## 1. Core Technical Specifications The model number **W2XM-1V2V2-R2** breaks down into specific electronic parameters: | Component Code | Specification Detail | Description | | :--- | :--- | :--- | | **W2XM** | Series Name | Ultra-slim 2-wire signal conditioner (Dual Output) | | **1** | Input Type | Current Input (e.g., 4–20mA DC) | | **V2V2** | Output 1 & 2 | 0–10V DC for both Output 1 and Output 2 | | **R** | Power Input | 24V DC | | **2** | Standards | CE marking / UL listing options | --- ## 2. Electronic Components & Internal Architecture The unit functions as a **Signal Splitter/Isolator**. Internally, it consists of several critical electronic stages: ### A. Input Stage * **Precision Resistors:** If configured for current input (4-20mA), high-precision shunt resistors convert the current into a proportional voltage. * **Filtering:** Low-pass filters are used to remove high-frequency noise from the field sensors. ### B. Galvanic Isolation (4-Way Isolation) This is a critical electronic feature of the R2 series. The device provides isolation between: 1. Input 1/Input 2 2. Output 1 3. Output 2 4. Power Supply * **Mechanism:** Typically uses **Opto-couplers** or **Magnetic Transformers** to ensure that an electrical surge in the field does not damage the PLC/DCS. ### C. Signal Conditioning (V2V2) * **Operational Amplifiers (Op-Amps):** High-linearity amplifiers scale the input signal to the required 0–10V DC range. * **Zero/Span Adjustments:** Potentiometers (accessible on the front) allow for fine-tuning the electronic calibration. --- ## 3. Physical & Wiring Interface The electronic parts are housed in a flame-resistant resin case designed for DIN-rail mounting. | Terminal | Function | Connection Type | | :--- | :--- | :--- | | **1 - 2** | Input | Connects to the sensor/source | | **3 - 4** | Output 1 | Connects to Channel A of Controller (0-10V) | | **5 - 6** | Output 2 | Connects to Channel B of Controller (0-10V) | | **7 - 8** | Power | 24V DC Supply | --- ## 4. Key Electronic Features * **Response Time:** Approximately $\le$ 0.5 seconds (0 to 90%). * **Accuracy:** $\pm$0.1% of span. * **Isolation Resistance:** 100 M$\Omega$ minimum at 500V DC. * **Temperature Coefficient:** $\pm$0.015% per degree Celsius.
    ✨ Follow-up Questions
    • ⤷What is the difference between the W2XM and the W2VS series?
    • ⤷ How do I calibrate the zero and span on this specific unit?
    • ⤷ Can the input be changed from current to voltage in the field?