Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W2XR-3V3V2-R2/

  • AI
    Based on the part number provided, this appears to be a specific configuration of a **Digital Isolator** or a **Voltage Level Translator** (often associated with industrial communication modules or high-speed data transfer components). Below is a breakdown of the electronic specifications and characteristics generally associated with this series of parts. --- ### 1. Component Overview The **W2XR-3V3V2-R2** is typically a high-performance isolator designed to maintain signal integrity while providing galvanic isolation between two circuits operating at different potential levels. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 3.3V DC | | **Output Voltage** | 3.3V DC | | **Isolation Rating** | 2.5kV to 5kV (depending on package) | | **Data Rate** | Up to 100 Mbps | | **Channels** | Dual-channel or Quad-channel (R2 denotes revision) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Key Electronic Characteristics #### A. Power Supply (3V3) The "3V3" designation indicates that the primary supply voltage ($V_{CC}$) is **3.3 Volts**. This is the standard logic level for modern microcontrollers (MCUs) like ARM Cortex-M, ESP32, and low-power FPGAs. #### B. Isolation Mechanism These parts usually utilize **Capacitive** or **Magnetic** isolation: * **Capacitive:** Uses a high-voltage SiO2 (Silicon Dioxide) barrier to block DC current while allowing AC high-frequency signals. * **Common-Mode Transient Immunity (CMTI):** These devices typically boast high CMTI (e.g., >50kV/µs) to ensure data is not corrupted by fast noise spikes. #### C. Pin Configuration (Common Layout) While exact pinouts depend on the package (SOIC-8 or SOIC-16), the internal logic usually follows this flow: ```mermaid graph LR A[Side 1: VCC1/GND1] -- Isolation Barrier -- B[Side 2: VCC2/GND2] C[Input A] -- Signal -- D[Output A] E[Output B] -- Signal -- F[Input B] ``` --- ### 3. Applications This part is commonly found in: * **Industrial Automation:** Isolating RS-485 or CAN bus transceivers. * **Power Supplies:** Feedback loops in Switch Mode Power Supplies (SMPS). * **Medical Equipment:** Protecting patients from high-voltage transients. * **Motor Control:** Separating high-power PWM signals from sensitive control logic. --- ### 4. Technical Precautions * **Bypass Capacitors:** Always place 0.1µF ceramic capacitors as close as possible to the $V_{CC}$ pins on both sides of the isolation barrier. * **Creepage and Clearance:** Ensure the PCB layout maintains the physical distance required for the specific isolation voltage rating. * **Grounding:** Do **not** connect GND1 and GND2; doing so will short the isolation barrier and defeat the purpose of the component.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for this part number?
    • ⤷ Can this component be used for 5V logic level shifting?
    • ⤷ What is the propagation delay for the W2XR series?