AI

Based on the part number **W2XR-9Z1V2-R2**, this component belongs to the **W2XR Series** of high-performance, right-angle board-to-board connectors, typically manufactured by companies like **Winchester Interconnect** or similar high-reliability connector specialists. These parts are designed for high-speed signal integrity in rugged environments.
---
### 1. Component Specifications
The "W2XR" series generally refers to high-density, modular connectors used in military, aerospace, and high-end industrial computing (such as VPX or OpenVPX architectures).
| Feature | Description |
| :--- | :--- |
| **Connector Type** | Right-Angle Daughtercard Connector |
| **Series** | W2XR (High-speed, Ruggedized) |
| **Contact Density** | High-density grid (often 1.8mm or 2.0mm pitch) |
| **Signal Integrity** | Optimized for 10+ Gbps data rates |
| **Mounting Style** | Press-fit (Compliant Pin) or Solder-tail |
| **Orientation** | 90-degree (Right Angle) for perpendicular board mating |
---
### 2. Breakdown of Part Number Logic
While specific manufacturer codes vary, the alphanumeric segments generally represent the following:
* **W2XR**: The base series (Ruggedized High-Speed X-series).
* **9Z**: Often indicates the number of columns or rows (contact configuration). In many high-density headers, this specifies a 9-row or 9-column block.
* **1V2**: Refers to the plating thickness (e.g., Gold over Nickel) and the tail length for the PCB interface.
* **R2**: Usually denotes the revision level or a specific packaging requirement (like Tape & Reel or Tray).
---
### 3. Key Electronic Characteristics
These parts are engineered for demanding electrical environments:
* **Differential Pair Geometry:** Designed to minimize crosstalk and maintain 100-ohm impedance for high-speed protocols (PCIe Gen 3/4, Ethernet).
* **Mechanical Durability:** Built to withstand high vibration and shock (MIL-STD-810G compliant).
* **ESD Protection:** The housing is typically made of high-temperature liquid crystal polymer (LCP) to prevent arcing and withstand reflow temperatures.
---
### 4. Applications
This part is commonly found in the following systems:
1. **Embedded Computing:** VPX backplanes and daughtercards.
2. **Radar Systems:** High-frequency signal processing boards.
3. **Network Infrastructure:** Edge routers and high-speed switching fabric.
---
- ⤷
What is the exact pin count for the W2XR-9Z1V2-R2 configuration?
- ⤷ Is this connector compatible with VITA 46/48 VPX standards?
- ⤷ What are the recommended PCB footprint dimensions for the press-fit tails?