W2XT-4Z1Z1-R
AI

The **W2XT-4Z1Z1-R** is a specific part number typically associated with the **W2 Series** of miniature rocker switches manufactured by **NKK Switches**. These components are widely used in industrial controls, medical equipment, and telecommunications due to their compact size and reliability.
---
### 1. Part Number Breakdown
Based on NKK's standard nomenclature for the W2 series, the code represents the following specifications:
| Component Code | Description | Technical Details |
| :--- | :--- | :--- |
| **W2** | Series Name | W Series Miniature Rocker |
| **XT** | Actuator Type | Standard Rocker / Paddle style |
| **4** | Circuit Configuration | **4PDT** (Four Pole, Double Throw) |
| **Z1Z1** | Contact Material | Silver Contacts (Standard Power Rating) |
| **R** | Terminal Type | Right Angle PC Mount (Through-hole) |
---
### 2. Technical Specifications
Below are the typical electrical and mechanical characteristics for this class of switch:
* **Electrical Capacity:**
* 6A @ 125V AC
* 3A @ 250V AC
* 4A @ 30V DC
* **Contact Resistance:** 10 milliohms maximum.
* **Insulation Resistance:** 1,000 megohms minimum @ 500V DC.
* **Dielectric Strength:** 1,000V AC minimum between contacts for at least one minute.
* **Mechanical Life:** 50,000 operations minimum.
* **Operating Temperature:** -30°C to +85°C (-22°F to +185°F).
---
### 3. Key Electronic Features
* **4PDT Logic:** This switch can control four independent circuits simultaneously. Each pole can toggle between two different output paths, making it ideal for complex signal routing.
* **Silver Contacts:** The "Z1" designation indicates silver contacts, which are preferred for power applications because they maintain high conductivity over time.
* **Right-Angle PCB Mounting:** The "R" suffix indicates the terminals are bent at a 90-degree angle. This allows the switch to be mounted on a horizontal PCB while the rocker faces the front panel of the device.
---
### 4. Circuit Diagram (Internal)
The 4PDT configuration behaves as follows:
```text
Pole 1: (1-2) or (2-3)
Pole 2: (4-5) or (5-6)
Pole 3: (7-8) or (8-9)
Pole 4: (10-11) or (11-12)
```
*(Center pins are common; moving the rocker connects the common to one of the two outer pins per pole.)*
- ⤷
What are the specific soldering temperature requirements for the W2XT series?
- ⤷ Does this switch come with a waterproof or dust-tight IP rating?
- ⤷ Are there gold-plated contact versions available for low-level logic signals?