Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • W5PA-C4BA2-R2/Q

  • AI
    The **W5PA-C4BA2-R2/Q** belongs to the **W5PA series**, which are high-performance, compact, and reliable board-to-board (FPC) connectors often utilized in mobile devices, wearables, and automotive electronics. --- ## 1. Technical Specifications Overview Based on the standard nomenclature for this series, here are the key technical parameters: | Parameter | Specification | | :--- | :--- | | **Type** | Board-to-Board / Board-to-FPC Connector | | **Pitch** | 0.35 mm (Ultra-fine pitch) | | **Number of Positions** | 4 Pins (Power/Signal configuration) | | **Stacking Height** | Approx. 0.6 mm to 1.0 mm (Low profile) | | **Current Rating** | High Current Capable (typically 3A to 5A for power pins) | | **Durability** | 30 to 50 Mating Cycles | --- ## 2. Key Electronic Features ### A. Hybrid Power & Signal Delivery The "/Q" suffix often denotes a specific configuration or qualification (such as automotive or high-speed). These connectors are designed to handle: * **Power Pins:** Thickened copper traces within the connector to allow high current (e.g., for battery charging). * **Signal Pins:** Designed for high-speed data integrity with low impedance. ### B. Robust Mechanical Construction * **Armor/Shielding:** The "W5PA" series typically features a metal-shielded "armor" structure. This protects the plastic housing from damage during "blind mating" (when the user cannot see the connection point). * **Locking Mechanism:** Includes a tactile "click" sensation to ensure the connection is secure and won't vibrate loose. ### C. EMI/EMC Protection The metal shell acts as a ground, providing a path to dissipate Electrostatic Discharge (ESD) and reducing Electromagnetic Interference (EMI), which is critical for sensitive RF components like 5G antennas. --- ## 3. Typical Applications Due to its small footprint and high current capacity, this part is commonly found in: 1. **Smartphones:** Connecting the battery or display FPC to the main logic board. 2. **Wearables:** Smartwatches where space is extremely limited. 3. **Automotive Modules:** Camera modules or sensor arrays requiring high reliability in compact spaces. 4. **Medical Devices:** Portable diagnostic equipment. --- ## 4. Pinout and Footprint Example While specific pinouts are proprietary to the PCB design, the physical layout follows a standard SMT (Surface Mount Technology) pattern: ```markdown [ Top View Representation ] _________________ | [P] [S] [S] [P] | P = Power Pin (Outer) | [P] [S] [S] [P] | S = Signal Pin (Inner) ----------------- ```
    ✨ Follow-up Questions
    • ⤷ What is the exact current rating for the power pins on this specific model?
    • ⤷ Is the W5PA-C4BA2-R2/Q compatible with lead-free reflow soldering processes?
    • ⤷ Are there alternative connectors with a higher pin count in the same W5PA series?