WAC-ACAD-R
AI

The **WAC-ACAD-R** is an auxiliary power adapter board typically used in access control systems (such as those by Vanderbilt or ACT). It is designed to facilitate power distribution and signal relay between a central controller and peripheral devices like door locks, readers, and sensors.
---
### 1. Key Electronic Components
The board consists of several critical electronic sections designed for protection and switching:
| Component | Description | Function |
| :--- | :--- | :--- |
| **Relay Units** | Electromechanical switches | Used to toggle power to high-draw devices (e.g., magnetic locks). |
| **Terminal Blocks** | Screw-down connectors | Provides physical interfaces for input power, grounds, and signal wires. |
| **Fuses / PTCs** | Overcurrent protection | Resettable fuses that protect the board from short circuits or draws. |
| **LED Indicators** | Status Diodes | Visual feedback for Power (PWR), Relay Status, and Faults. |
| **Voltage Regulators** | DC-DC conversion | Ensures consistent voltage (typically 12V or 24V) reaches sensitive chips. |
---
### 2. Technical Specifications
Generally, the WAC-ACAD-R operates within the following parameters:
* **Input Voltage:** Usually 12V DC or 24V DC (system dependent).
* **Relay Contact Rating:** Typically rated up to 2A - 5A at 30V DC.
* **Mounting:** Designed for DIN rail or proprietary enclosure standoffs.
* **Interface:** Connects to the main ACAD (Access Control Advanced Door) controller via a ribbon cable or proprietary bus.
---
### 3. Connection Overview
The board acts as a bridge. Below is a simplified representation of the wiring logic:
```mermaid
graph LR
A[Power Supply] --> B[WAC-ACAD-R]
C[Main Controller] --> B
B --> D[Electric Strike/Mag Lock]
B --> E[Request to Exit Button]
```
---
### 4. Common Troubleshooting Parts
If the board fails, electronic technicians usually inspect the following in order:
1. **The Fuse:** Check for continuity if the board has no power LEDs.
2. **The Relay:** Listen for a "click" when the door is triggered; if no click occurs, the relay coil may be dead.
3. **Terminal Connections:** Look for "cold" solder joints or loose wires that cause intermittent power drops.
- ⤷
What are the specific wiring diagrams for connecting a magnetic lock to this board?
- ⤷ Can the WAC-ACAD-R handle both 12V and 24V outputs simultaneously?
- ⤷ How do I reset the PTC fuses on this module?