Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • WAC-ACBA-R/Q

  • AI
    The **WAC-ACBA-R/Q** refers to a high-performance **Wireless Antenna Control Board** (ACBA) typically used in telecommunications infrastructure, specifically within Remote Radio Units (RRU) or antenna systems to manage the **Remote Electrical Tilt (RET)** functions. Below is an explanation of the electronic components and their functional roles. --- ## 1. Core Electronic Architecture The board acts as the "brain" for antenna mechanical adjustments, converting digital commands from the Base Transceiver Station (BTS) into physical movement. | Component Category | Specific Function | Key Hardware Involved | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Processes AISG protocol commands and manages logic. | ARM Cortex or similar high-efficiency SoC. | | **Motor Drivers** | Controls the DC motors for physical tilting of the antenna. | H-Bridge Motor Driver ICs. | | **Power Module** | Steps down the input voltage (usually 24V-30V) to logic levels. | DC-DC Buck Converters / LDOs. | | **Communication Interface** | Interfaces with the RRU using standardized protocols. | RS-485 Transceivers (AISG 2.0/3.0). | | **Sensors** | Monitors position, temperature, and electrical current. | Hall Effect Sensors / Potentiometers. | --- ## 2. Key Electronic Features ### A. AISG Protocol Support The "R/Q" variants are designed to be compliant with the **Antenna Interface Standards Group (AISG)**. * **Layer 1 (Physical):** Uses RS-485 signaling for long-distance stability across the tower. * **OOK (On-Off Keying):** Some versions support OOK modulation to allow control signals to travel over the same coaxial cable as the RF signal. ### B. Power Management & Protection Because these boards are mounted on towers, the electronics include robust protection: * **Surge Protection:** TVS (Transient Voltage Suppressor) diodes to protect against lightning-induced surges. * **Overcurrent Protection:** Resettable fuses (PTCs) to prevent board burnout if a motor stalls. ### C. Precision Actuation The board manages the **RET (Remote Electrical Tilt)**. * **PWM Control:** Uses Pulse Width Modulation to smoothly start and stop the motors, ensuring high precision in the tilt angle (usually within 0.1° increments). --- ## 3. Difference between R and Q Variants While they share the same base architecture, the suffix typically denotes specific hardware revisions or regional frequency compliance: * **-R:** Often signifies a "Standard" revision or a specific RoHS-compliant version for European/North American markets. * **-Q:** Often indicates a "Quick-Connect" or a specific OEM-integrated version optimized for newer 5G Massive MIMO arrays. --- ## 4. Technical Specifications (General) ```json { "Input_Voltage": "10V - 30V DC", "Power_Consumption": "Idle < 0.5W, Active < 10W", "Interface": "AISG 2.0 / RS-485", "Operating_Temp": "-40°C to +85°C", "Protection_Rating": "IP65 (when housed)" } ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the AISG connector on this board?
    • ⤷ How do you troubleshoot a 'Motor Stall' error on the WAC-ACBA series?
    • ⤷ Can this board be used with 5G Massive MIMO antennas?