WADS-151B-R
AI

The **WADS-151B-R** is a specific electronic component, typically categorized as a **Micro-Switch** or **Detector Switch**. It is widely used in consumer electronics, automotive interiors, and industrial control panels to detect physical presence or mechanical movement.
---
### 1. Technical Specifications
The following table highlights the core electrical and mechanical characteristics of the WADS-151B-R:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Detector Switch / Micro-Switch |
| **Circuitry** | SPST-NO (Single Pole Single Throw - Normally Open) |
| **Current Rating** | Typically 1mA to 100mA |
| **Voltage Rating** | 5V to 12V DC |
| **Operating Force** | Low (approx. 0.3N to 1.0N) |
| **Mounting Type** | Surface Mount (SMD) / Right Angle |
| **Orientation** | Side-actuated (Horizontal) |
---
### 2. Key Electronic Parts & Construction
The internal structure of the WADS-151B-R consists of several critical sub-components that ensure its functionality:
* **Actuator (Lever/Button):** The physical part that receives external mechanical pressure. In the "B-R" variant, this is often a small plastic lever or plunger designed for side-entry activation.
* **Contact Terminal:** Usually made of a copper alloy with **Silver or Gold plating**. Gold plating is preferred for low-current (dry circuit) applications to prevent oxidation.
* **Moving Blade/Spring:** A high-precision metallic leaf spring that snaps the contact into place when the actuator is pressed, providing tactile feedback and electrical continuity.
* **Housing/Base:** Constructed from high-temperature resistant thermoplastic (like LCP - Liquid Crystal Polymer) to withstand **Reflow Soldering** temperatures.
---
### 3. Application Use Cases
Due to its small footprint and reliability, this part is commonly found in:
1. **Optical Drives:** Detecting the position of the disc tray.
2. **Smart Home Devices:** Tamper detection or lid-closure sensing.
3. **Automotive:** Detecting if a seatbelt is buckled or a glovebox is closed.
4. **Handheld Electronics:** Power buttons or mode-selection switches.
---
### 4. Circuit Diagram Representation
In a schematic, the WADS-151B-R is represented as a simple momentary switch:
```text
[ Terminal 1 ] ----/ ---- [ Terminal 2 ]
(Switch)
```
- ⤷
What is the footprint size of the WADS-151B-R for PCB layout?
- ⤷ Can this switch be used in high-voltage AC applications?
- ⤷ What are the common failure modes for detector switches like this?