Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • WCT-1D3-R

  • AI
    The **WCT-1D3-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Low Pass Filter** or a **Common Mode Choke**, often used in high-frequency data lines or power management circuits. Below is a detailed breakdown of its technical characteristics and electronic properties. --- ### 1. Technical Specifications The following table outlines the general electrical and physical parameters typical for this class of component: | Feature | Specification | | :--- | :--- | | **Component Type** | Surface Mount Device (SMD) | | **Configuration** | 1-Line / 2-Line (depending on specific manufacturer suffix) | | **Inductance / Impedance** | Varies by frequency (Commonly 90Ω - 600Ω @ 100MHz) | | **Current Rating** | Typically 100mA to 500mA | | **DC Resistance (DCR)** | Low (usually < 1.0 Ω) | | **Operating Temperature** | -40°C to +125°C | | **Termination Style** | Solder pads (Lead-Free / RoHS Compliant) | --- ### 2. Core Electronic Functions The "WCT" series parts are engineered for specific roles in circuit design: * **EMI Suppression:** Its primary role is to filter out Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI) from signal lines. * **Common Mode Rejection:** It allows differential signals (the data) to pass through while blocking common-mode noise (unwanted interference affecting both lines). * **Signal Integrity:** Used in high-speed interfaces to ensure the data waveform remains clean and recognizable by the receiving IC. --- ### 3. Physical Construction The WCT-1D3-R is built using advanced ceramic or ferrite materials: 1. **Magnetic Core:** A ferrite core that provides the necessary magnetic flux to create impedance at high frequencies. 2. **Internal Windings:** Precision-wound copper coils that determine the inductance value. 3. **Encapsulation:** A protective resin or ceramic body that shields the internal components from environmental factors and mechanical stress. 4. **Taped and Reeled (The "-R" Suffix):** The "-R" at the end of the part number usually indicates that the part is supplied in **Tape and Reel** packaging, optimized for automated pick-and-place assembly machines. --- ### 4. Common Applications * **USB Lines:** Filtering noise in USB 2.0 or 3.0 data paths. * **HDMI/DisplayPort:** Reducing noise in high-definition video transmission. * **CAN-Bus:** Used in automotive electronics to protect communication lines between ECUs. * **Power Supply Decoupling:** Removing high-frequency ripples from low-voltage DC power rails.
    ✨ Follow-up Questions
    • ⤷ What is the exact impedance value for the WCT-1D3-R at 100MHz?
    • ⤷ Can this part be used in automotive-grade (AEC-Q200) applications?
    • ⤷ What is the physical footprint size (e.g.
    • ⤷ 0603
    • ⤷ 0805) of this component?