WCT-5B3-R
AI

The **WCT-5B3-R** is a high-performance wireless charging transmitter module specifically designed to meet the **WPC (Wireless Power Consortium) Qi standards**. It is commonly used in automotive applications or high-end charging docks due to its multi-coil configuration and efficiency.
---
### 1. Key Electronic Specifications
The module integrates several critical components to handle power conversion and communication.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | Typically 12V DC (Automotive Grade) |
| **Output Power** | Up to 15W (Fast Charging Support) |
| **Standards** | Qi v1.2.4 or higher compliant |
| **Coil Type** | Multi-coil system (often 3-coil array) |
| **Efficiency** | >75% at peak load |
---
### 2. Core Electronic Components
The WCT-5B3-R architecture consists of several specialized subsystems:
#### A. The Digital Controller (MCU)
The "brain" of the module is usually a dedicated Freescale/NXP wireless power controller (e.g., MWCT series).
* **Functions:** Manages the PID loop for power regulation, handles FSK (Frequency Shift Keying) communication with the mobile device, and monitors safety sensors.
#### B. Full-Bridge Inverter
This stage converts the DC input into a high-frequency AC signal.
* **MOSFETs:** High-efficiency N-Channel MOSFETs are used to drive the primary coils.
* **Gate Drivers:** Ensure precise switching of the MOSFETs to minimize thermal loss.
#### C. Multi-Coil Array & Switching Matrix
Unlike single-coil chargers, the "5B3" designation often refers to a specific coil topology.
* **Switching Logic:** The module uses analog switches to select the coil with the best magnetic coupling to the device.
* **Resonant Capacitors:** High-quality C0G/NP0 ceramic capacitors are used to form the LC resonant circuit.
#### D. Protection Circuitry
* **FOD (Foreign Object Detection):** Monitors power loss to detect metal objects (like coins or keys) between the charger and phone.
* **Thermal Protection:** Includes thermistors to shut down the system if temperatures exceed safe limits.
---
### 3. Connection Pinout Example
While specific board revisions vary, the interface usually follows this logic:
```yaml
Pin 1: Vin (+12V)
Pin 2: GND
Pin 3: CAN_H / UART_TX (Communication/Diagnostics)
Pin 4: CAN_L / UART_RX
Pin 5: LED_Status_Indicator
```
---
### 4. Comparison: Single vs. Multi-Coil (WCT-5B3-R)
| Feature | Single Coil | WCT-5B3-R (Multi-Coil) |
| :--- | :--- | :--- |
| **Charging Area** | Small / Must be centered | Large / Drop-and-go |
| **Complexity** | Low | High (Requires coil switching) |
| **Reliability** | Standard | High (Automotive Grade) |
- ⤷What are the specific NXP microcontrollers used in the WCT-5B3-R series?
- ⤷ How does the Foreign Object Detection (FOD) algorithm work in this module?
- ⤷ Can this module be modified to support 30W charging?