Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • WMS2-B3-R/K

  • AI
    The **WMS2-B3-R/K** is a high-performance, programmable DC power supply module, typically utilized in industrial automation, testing systems, and telecommunications infrastructure. It belongs to a class of "Wide-input" and "Modular" power solutions designed for reliability. --- ### 1. Key Technical Specifications The following table highlights the core electronic characteristics of the WMS2-B3-R/K: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 18V - 75V DC (Wide 4:1 Input) | | **Output Voltage** | 3.3V DC (Adjustable/Programmable) | | **Output Current** | 10A - 20A (Depending on thermal cooling) | | **Efficiency** | > 88% at full load | | **Isolation** | 1500V DC (Input to Output) | | **Mounting Type** | Through-Hole / PCB Mount | | **Feature Suffix (R/K)** | Remote On/Off / Heat Sink options | --- ### 2. Internal Electronic Components & Architecture The module operates based on a **High-Frequency Switching Topology**. Key internal sections include: * **PWM Controller:** The "brain" that regulates the switching frequency to maintain a steady output voltage regardless of input fluctuations. * **Power MOSFETs:** Used as high-speed switches to minimize energy loss through heat. * **Planar Transformer:** A low-profile magnetic component used for isolation and voltage step-down; it provides superior thermal management compared to traditional wire-wound transformers. * **Filtering Network (LC Circuit):** Consists of high-grade capacitors and inductors to reduce output ripple and EMI (Electromagnetic Interference). --- ### 3. Protection and Control Features The electronic design incorporates several safety mechanisms to prevent damage to the load: 1. **Over-Voltage Protection (OVP):** Shuts down the module if the output exceeds a safe threshold. 2. **Over-Current Protection (OCP):** Limits the current to prevent burnout during short circuits. 3. **Remote Sense:** Compensates for voltage drops across long PCB traces to ensure accurate voltage at the load. 4. **Thermal Shutdown:** Internal sensors monitor heat levels and throttle power if the temperature exceeds 100°C-105°C. --- ### 4. Application Context Due to its rugged design, this part is commonly found in: * **Distributed Power Architectures (DPA)**. * **Network Hubs and Switches**. * **Industrial Robotics Control Boards**.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'K' suffixes in this part number?
    • ⤷ Can this module be connected in parallel for higher current output?
    • ⤷ What are the recommended cooling methods for the WMS2 series?