AI

The **WMS2-DC-R/K** is a high-performance, compact electromagnetic relay commonly used in industrial automation, power distribution, and smart grid applications. It is specifically designed to handle high inrush currents while maintaining a small physical footprint.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the WMS2-DC-R/K:
| Feature | Specification |
| :--- | :--- |
| **Contact Form** | 1A (SPST-NO) |
| **Rated Load** | 10A 250VAC / 30VDC |
| **Max Switching Power** | 2,500 VA / 300 W |
| **Coil Voltage (DC)** | Typically 5V, 12V, or 24V DC |
| **Contact Material** | AgSnO₂ (Silver Tin Oxide) |
| **Mechanical Life** | $1 \times 10^7$ operations |
| **Electrical Life** | $1 \times 10^5$ operations |
---
### 2. Core Electronic Components & Design
The WMS2 series utilizes several critical design elements to ensure reliability:
* **AgSnO₂ Contacts:** The choice of Silver Tin Oxide is crucial. This material provides excellent resistance to "welding" (contact sticking) caused by high inrush currents during the switching of capacitive or inductive loads.
* **High Sensitivity Coil:** The DC coil is optimized for low power consumption, allowing it to be driven by standard transistor circuits or microcontrollers with minimal heat generation.
* **Reinforced Insulation:** The internal structure provides high dielectric strength (typically around 4,000VAC between coil and contacts), ensuring safety in high-voltage environments.
* **Compact Housing:** The "R/K" designation often refers to specific mounting or sealing styles (usually PCB-mount with flux-proof or wash-tight construction).
---
### 3. Common Applications
Due to its robust switching capabilities, this part is frequently found in:
1. **Smart Meters:** Used for load shedding or remote disconnection.
2. **HVAC Systems:** Controlling motors, compressors, or heating elements.
3. **Industrial PLC Modules:** Acting as the output interface for controlling heavy machinery.
4. **Lighting Controllers:** Managing LED drivers that exhibit high initial surge currents.
---
### 4. Circuit Implementation Example
To drive this relay safely using a microcontroller, a flyback diode and a switching transistor are required:
```cpp
// Logic representation for Relay Control
void switchRelay(bool state) {
if (state) {
digitalWrite(RELAY_PIN, HIGH); // Activates NPN Transistor to ground Coil
} else {
digitalWrite(RELAY_PIN, LOW); // Deactivates Coil
}
}
```
- ⤷
What is the difference between the R and K suffixes in this model?
- ⤷ What is the recommended flyback diode for the WMS2-DC coil?
- ⤷ Can this relay be used for switching 120VAC loads?