XFHCL4-R82
AI

The **XFHCL4-R82** is a specialized electronic component, specifically a **Molded Power Inductor**. These components are essential in modern power management circuits for high-frequency DC-DC conversion.
### 1. Key Technical Specifications
Based on the standard naming conventions for the XFHCL series, here are the primary technical characteristics:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.82 µH (Microhenries) |
| **Component Type** | Fixed Power Inductor |
| **Construction** | Metal Alloy Molded (Shielded) |
| **Tolerance** | Usually ±20% (indicated by 'M' in similar series) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Material** | Composite Iron Powder / Metal Alloy |
---
### 2. Functional Characteristics
The "Molded" design of the XFHCL4-R82 provides several advantages over traditional wire-wound inductors:
* **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components.
* **High Current Saturation:** These inductors are designed to handle high peak currents without the inductance dropping off sharply (soft saturation).
* **Low DCR (DC Resistance):** It minimizes power loss as heat, increasing the overall efficiency of the power supply.
* **Acoustic Noise Reduction:** The solid molded structure prevents the internal coils from vibrating, which eliminates "coil whine" in sensitive electronic devices.
---
### 3. Common Applications
This part is typically found in high-density power modules where space and efficiency are critical:
1. **Voltage Regulator Modules (VRMs):** Found on motherboards and graphics cards (GPU).
2. **DC-DC Converters:** Used in Buck, Boost, or Buck-Boost topologies.
3. **Portable Electronics:** Smartphones, tablets, and laptops where low profile and high efficiency are required.
4. **Automotive Electronics:** Infotainment systems and ADAS sensors (if AEC-Q200 qualified).
---
### 4. Part Number Breakdown (Typical)
* **XF:** Manufacturer prefix (commonly associated with XFMRS or specialized inductor brands).
* **HCL:** Series code for High Current, Low Profile Molded Inductors.
* **4:** Physical size/dimension code (likely 4.0mm x 4.0mm footprint).
* **R82:** Resistance/Inductance value. "R" represents the decimal point for microhenries (0.82 µH).
- ⤷
What are the exact physical dimensions of the '4' size code for this inductor?
- ⤷ What is the maximum current rating (Irms) for the XFHCL4-R82?
- ⤷ How does this molded inductor compare to a ferrite core inductor in terms of EMI?