AI

The **XFHCL4MA-R90M** is a high-performance surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a category of shielded, high-current inductors designed for compact electronic assemblies.
---
### 1. Technical Specifications
The following table highlights the core electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.90 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~5.0 mΩ (Typical) |
| **Saturation Current (Isat)** | ~18.0 A to 22.0 A |
| **Temperature Rise Current (Irms)** | ~14.0 A |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetic Shielded |
| **Package Size** | Approx. 4.0 x 4.0 mm (4040 Series) |
---
### 2. Key Features
* **Magnetic Shielding:** The part is constructed to minimize electromagnetic interference (EMI), which is critical for densely packed circuit boards where noise can affect nearby components.
* **High Current Handling:** Despite its small footprint, the "R90M" (0.90µH) design allows for high saturation currents, meaning the inductance remains stable even under heavy electrical loads.
* **Low DCR:** The low direct current resistance reduces power loss through heat, increasing the overall efficiency of the power supply.
* **Composite Construction:** Usually features a metal alloy powder core that provides superior saturation characteristics compared to traditional ferrite cores.
---
### 3. Application Areas
This component is primarily found in power management stages for:
1. **Consumer Electronics:** Laptops, tablets, and high-end smartphones.
2. **DC-DC Converters:** Buck, Boost, and Buck-Boost regulators.
3. **Graphic Cards (GPUs):** Voltage Regulator Modules (VRMs) requiring stable current flow.
4. **Embedded Systems:** Industrial PC motherboards and IoT gateways.
---
### 4. Part Number Breakdown (Naming Convention)
While specific to the manufacturer (often associated with brands like XFMRS), the code generally breaks down as follows:
* **XF:** Manufacturer Prefix.
* **HCL:** Series identifier (High Current, Low Profile).
* **4MA:** Physical dimensions/Case size (e.g., 4x4mm).
* **R90:** Inductance value (R90 = 0.90 µH).
* **M:** Tolerance code (M = ±20%).
- ⤷
What is the maximum reflow soldering temperature for this inductor?
- ⤷ How does the saturation current (Isat) compare to the heat rating current (Irms) in this specific model?
- ⤷ Can you suggest a pin-compatible alternative from a different manufacturer like Bourns or Coilcraft?