XFHCL4MM-R68M
AI

### Technical Overview of XFHCL4MM-R68M
The **XFHCL4MM-R68M** is a high-performance, surface-mount (SMD) power inductor. It is designed primarily for DC-DC converter applications where high efficiency, compact size, and high current handling are required.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics typically associated with this part number:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.68 µH | Rated at 100kHz, 1.0V |
| **Tolerance** | ±20% (M) | Standard industry tolerance |
| **DC Resistance (DCR)** | ~5.0 - 6.5 mΩ | Typical/Max resistance of the coil |
| **Saturation Current ($I_{sat}$)** | ~18A - 22A | Current where inductance drops by 30% |
| **Heating Current ($I_{rms}$)** | ~12A - 15A | Current causing a 40°C temperature rise |
| **Case Size** | 4mm x 4mm | Compact footprint (often 4040 size) |
| **Construction** | Shielded | Magnetic powder molded/shielded |
---
### 2. Component Breakdown
#### A. Core Material
The part usually employs a **metal alloy powder core**. Unlike traditional ferrite cores, metal powder cores offer "soft saturation" characteristics, meaning the inductance decreases gradually rather than abruptly when the current increases.
#### B. Shielding
It is a **magnetically shielded** component. This is critical for high-density PCB layouts as it minimizes Electromagnetic Interference (EMI) with neighboring components, which is essential in switching power supplies.
#### C. Terminations
The part features robust SMD solder pads, usually tin-plated over copper, designed to withstand lead-free reflow soldering temperatures.
---
### 3. Application Use Cases
The XFHCL4MM-R68M is commonly found in the following circuits:
1. **Point of Load (POL) Converters:** Used in motherboards and GPU power stages.
2. **Voltage Regulator Modules (VRM):** Providing stable low-voltage rails for CPUs.
3. **Battery Powered Devices:** Ideal for smartphones or tablets due to its low profile and high efficiency.
4. **DC-DC Step-down (Buck) Converters:** Acting as the energy storage element during the switching cycle.
---
### 4. Part Number Decoder (Typical)
While manufacturers vary, the nomenclature generally breaks down as follows:
* **XF:** Manufacturer Series Prefix (often XFMRS or similar).
* **HCL:** High Current Inductor series.
* **4MM:** Dimensions (4.0 x 4.0 mm).
* **R68:** Inductance value (R = decimal point; 0.68 µH).
* **M:** Tolerance (M = ±20%).
- ⤷
What are the equivalent alternative parts for the XFHCL4MM-R68M?
- ⤷ How does the 'soft saturation' of a metal alloy core affect circuit stability?
- ⤷ What is the recommended solder reflow profile for this SMD inductor?