XFHCL4MM-R82M
AI

The **XFHCL4MM-R82M** is a high-performance, shielded fixed inductor commonly used in power management circuits. It belongs to a category of surface-mount (SMD) power inductors designed for high-frequency applications where efficiency and compact size are critical.
---
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics based on standard industry data for this series:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **DCR (Direct Current Resistance)** | Low (typically < 10 mΩ) |
| **Saturation Current (Isat)** | High (designed for peak power spikes) |
| **Shielding** | Magnetically Shielded |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Operating Temp** | -40°C to +125°C (Standard range) |
---
### 2. Breakdown of the Part Number
While naming conventions vary slightly by manufacturer (such as XFMRS), the alphanumeric code generally breaks down as follows:
* **XF / XFHCL**: The Series designation, usually indicating a high-current, low-profile power inductor.
* **4MM**: Refers to the physical dimensions (likely 4.0mm x 4.0mm footprint).
* **R82**: The Inductance value. The 'R' acts as a decimal point. `R82` = 0.82 microhenries (µH).
* **M**: The tolerance code. `M` represents ±20%.
---
### 3. Key Features & Applications
#### Features
* **Low Core Loss:** Optimized for high-frequency switching.
* **Magnetic Shielding:** Minimizes Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **Low Profile:** Ideal for thin electronic devices like tablets and smartphones.
#### Common Applications
1. **DC-DC Converters:** Used in "Buck" or "Boost" converters to store energy.
2. **Voltage Regulator Modules (VRM):** Found near CPUs and GPUs to stabilize power delivery.
3. **Portable Electronics:** Used in battery-powered devices requiring high efficiency.
4. **Automotive Infotainment:** Suitable for compact power supply units in cars.
---
### 4. Circuit Symbol and Implementation
In a schematic, this component is represented by the standard inductor symbol. It is typically placed in the output stage of a switching power supply.
```spice
* Typical Application: Buck Converter Output
* [Input Voltage] --- [Switching MOSFET] --- [XFHCL4MM-R82M] --- [Vout]
|
[Output Capacitor]
|
[GND]
```
- ⤷
What are the equivalent alternative parts for the XFHCL4MM-R82M from brands like Coilcraft or TDK?
- ⤷ How does the 'Isat' (Saturation Current) rating impact the performance of this inductor in a circuit?
- ⤷ What is the recommended solder profile for mounting this SMD component?