XFWICS0603-R11J
AI

The **XFWICS0603-R11J** is a high-frequency SMD (Surface Mount Device) Chip Inductor, typically utilized in RF (Radio Frequency) circuits. Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
The part number follows a standard nomenclature for wire-wound or multilayer ceramic chip inductors.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 110 nH | Identified by "R11" (0.11µH or 110nH) |
| **Tolerance** | ±5% | Identified by the suffix "J" |
| **Case Size** | 0603 (EIA) | Metric 1608 (1.6mm x 0.8mm) |
| **Type** | Wire-wound / Ceramic | High-Q factor for RF applications |
| **SRF** | ~1200+ MHz | Self-Resonant Frequency |
---
## 2. Key Features
* **High Q-Factor:** Designed to have low losses at high frequencies, making it ideal for filtering and matching networks.
* **Precision:** The ±5% tolerance is standard for tuning circuits where stability is required.
* **Miniaturization:** The 0603 footprint allows for high-density PCB layouts in mobile and handheld devices.
* **Operating Temperature:** Generally rated for **-40°C to +125°C**, suitable for industrial environments.
---
## 3. Applications
This component is primarily found in communication hardware:
1. **RF Matching:** Used between the antenna and the transceiver to ensure maximum power transfer.
2. **Filter Circuits:** Employed in Low Pass Filters (LPF) or Band Pass Filters (BPF) to eliminate noise.
3. **VCOs:** Voltage Controlled Oscillators often use these inductors for frequency stabilization.
4. **Wireless Modules:** Found in Bluetooth, Wi-Fi, and GPS modules.
---
## 4. Part Number Decoding
Understanding the suffix and prefix:
* **XF:** Manufacturer prefix (XFMRS or similar specialized inductor brands).
* **0603:** Physical dimensions (0.06 x 0.03 inches).
* **R11:** Inductance value. "R" acts as a decimal point in microhenries (0.11µH = 110nH).
* **J:** Tolerance code (J = ±5%, K = ±10%, G = ±2%).
---
- ⤷
What is the maximum current rating (Idc) for the XFWICS0603 series?
- ⤷ How does a wire-wound inductor differ from a multilayer inductor in RF circuits?
- ⤷ Can this inductor be used in power supply decoupling?