Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • XHS35F-50-R2-FS-XPROGABZ

  • AI
    The **XHS35F-50-R2-FS-XPROGABZ** is a high-performance, heavy-duty incremental hollow-shaft encoder manufactured by BEI Sensors (Sensata Technologies). It is designed for industrial feedback systems, particularly in environments requiring high durability and precision. --- ### 1. Key Technical Specifications The part number can be decoded to understand its core electronic and mechanical characteristics: | Specification | Details | | :--- | :--- | | **Model Series** | XHS35 (Extreme Duty Hollow Shaft, 3.5" diameter) | | **Shaft Diameter** | 50 (Standard 1/2" or Metric equivalents depending on sub-series) | | **Mechanical Mounting** | R2 (Tethered mounting / specific anti-rotation arm) | | **Sealing** | FS (Standard IP66 / IP67 sealing for washdown environments) | | **Output Type** | XPROG (Programmable Electronic Interface) | | **Signal Channels** | ABZ (Quadrature channels A and B, plus Index Z) | --- ### 2. Electronic Components & Features #### A. Programmable Output (XPROG) Unlike fixed-resolution encoders, the **XPROG** electronics allow the user to program the pulses per revolution (PPR). This provides flexibility in inventory management and system tuning. * **Resolution Range:** Typically programmable from 1 to 65,536 PPR. * **Signal Level:** Supports a wide voltage range (typically 5V to 30V DC), making it compatible with TTL, RS422, and HTL logic. #### B. Output Driver Circuitry The device utilizes a **Universal Differential Line Driver**. This is critical for industrial electronics because: * **Noise Immunity:** Differential signaling (A, A-not, B, B-not, Z, Z-not) cancels out electromagnetic interference (EMI) over long cable runs. * **Reverse Polarity Protection:** The internal circuitry is protected against accidental wiring errors. * **Short Circuit Protection:** Most XPROG versions include protection against output short circuits. #### C. Optical Sensing Technology The encoder uses a non-contact optical sensing method consisting of: * **LED Source:** An infrared LED that passes light through a code disc. * **Code Disc:** A high-precision metal or plastic disc that interrupts the light beam to create pulses. * **Photodetector ASIC:** An Application-Specific Integrated Circuit that converts light pulses into electrical square waves. --- ### 3. Connection and Wiring The electronic interface usually terminates in a heavy-duty connector (like an M12 or MS-style) or a shielded cable. ```text Typical Wiring Pinout (Reference only): Pin A: Channel A Pin B: Channel B Pin C: Channel Z (Index) Pin D: Vcc (Supply Voltage 5-30V) Pin E: Common (Ground) Pin F: Case Ground Pin G: Channel A-not (Inverse) Pin H: Channel B-not (Inverse) Pin I: Channel Z-not (Inverse) ``` --- ### 4. Industrial Applications Due to its rugged "X-series" design, these electronics are found in: 1. **Steel Mills & Paper Mills:** Where vibration and heat are constant. 2. **Motor Feedback:** Used on large AC/DC motors for precise speed control. 3. **Crane & Hoist Systems:** Monitoring position and load movement. ---
    ✨ Follow-up Questions
    • ⤷ How do I program the PPR settings for an XPROG encoder?
    • ⤷ What are the specific environmental protection ratings (IP ratings) for the XHS35F?
    • ⤷ What is the maximum frequency response of the XPROG electronic interface?