AI

The **XHS35F-75-R2-FS-XPROGAB** is a high-performance, hollow-shaft incremental encoder manufactured by **Sensata | BEI Sensors**. It is specifically designed for heavy-duty industrial environments, such as motor feedback and conveyor systems.
---
## Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Product Series** | XHS35 (Explosion Proof / Heavy Duty) |
| **Shaft Type** | 35mm Hollow Shaft (often with reduction collars) |
| **Resolution** | Programmable (XPROG) up to 10,000 PPR |
| **Output Type** | Multi-voltage (5V to 28V) Line Driver |
| **Connection** | Radial Connector or Cable Exit |
| **Environmental Rating** | IP65 (Standard) / IP67 (Optional) |
| **Certification** | ATEX / IECEx (FS - Functional Safety versions) |
---
## Breakdown of Electronic & Mechanical Components
### 1. The Optical/Electronic Sensing Core
The "XPROG" designation indicates that this unit uses a **programmable ASIC**. Unlike traditional encoders with a fixed etched glass disk, this model allows the pulses per revolution (PPR) to be defined electronically.
* **Photo-ASIC:** Integrates the photodiode array and signal processing logic on a single chip.
* **Interpolation:** The electronics can interpolate signals to provide high resolutions without requiring extremely dense physical markings on the disk.
### 2. Signal Outputs & Logic
The encoder utilizes a **Universal Line Driver**.
* **Voltage Flexibility:** It can accept a wide supply voltage range (typically 5-28 VDC).
* **Differential Signals:** It outputs A, B, and Z (Index) channels along with their complements (/A, /B, /Z). This differential signaling is critical for noise immunity over long cable runs.
* **Protection:** The electronics are protected against reverse polarity and short circuits on the output lines.
### 3. Functional Safety (FS)
The "FS" in the part number indicates **Functional Safety** components.
* **Internal Diagnostics:** The electronics perform self-checks to ensure the integrity of the quadrature signals.
* **Safe Speed/Position:** Designed to be used in systems requiring SIL2 / PLd safety ratings, ensuring the encoder doesn't provide false data in a failure state.
### 4. Physical Construction
* **Hollow Shaft Design:** Features a 35mm bore designed to mount directly onto a motor shaft, eliminating the need for flexible couplings.
* **Dual Bearings:** Uses high-load, widely spaced bearings to handle mechanical vibration and axial/radial loads.
* **Sealing:** Uses NBR oil seals to protect the internal electronics from dust and liquid ingress.
---
## Common Applications
1. **Oil & Gas:** Used in draw-works or top drives where explosion-proof ratings are required.
2. **Steel Mills:** High-temperature and high-vibration resistance for roller speed control.
3. **Large Motors:** Direct mounting on AC Vector motors for precise velocity feedback.
- ⤷
How do you program the PPR settings for the XPROG version of this encoder?
- ⤷ What are the specific wiring pinouts for the R2 connector type?
- ⤷ What is the maximum mechanical speed (RPM) this encoder can sustain?