Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • XHS35F-75-R2-SS-EPROGA

  • AI
    The **XHS35F-75-R2-SS-EPROGA** is a high-performance, heavy-duty industrial rotary encoder manufactured by BEI Sensors (Sensata Technologies). It is part of the XHS35 series, designed for rugged applications like motor feedback and factory automation. --- ### ## Technical Specifications Breakdown The model number provides specific details about the electronic and mechanical configuration: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | XHS35F | Hollow shaft, 3.5-inch diameter explosion-proof/heavy-duty series. | | **Shaft Size** | 75 | 3/4 inch (0.75") bore diameter. | | **Mounting** | R2 | Tether-arm style mounting (flexible coupling). | | **Material** | SS | Stainless Steel housing/construction for corrosion resistance. | | **Output Type** | EPROGA | Programmable Electronic output (Line Driver). | --- ### ## Key Electronic Components & Features ### 1. Optical Sensing Technology The unit utilizes an **optical disk and LED sensor array**. As the shaft rotates, the disk interrupts the light beam, converting mechanical rotation into electrical pulses. Optical sensing provides high precision and immunity to magnetic interference. ### 2. EPROGA Output Driver The "EPROGA" designation refers to the electronics package: * **Programmable Resolution:** Unlike fixed-pulse encoders, this unit can be programmed for different Cycles Per Revolution (CPR), typically ranging from 1 to 65,536 pulses. * **Line Driver (RS-422):** It uses a differential signal (A, A-not, B, B-not, Z, Z-not). This is crucial for long cable runs as it cancels out electromagnetic noise. * **Multi-Voltage Compatibility:** Usually supports a wide range of input power (typically 5V to 28V DC). ### 3. Electrical Protection To survive industrial environments, the internal circuitry includes: * **Reverse Polarity Protection:** Prevents damage if the power supply wires are crossed. * **Short Circuit Protection:** Safeguards the output drivers against wiring faults. * **ESD/Surge Protection:** Shielding against high-voltage spikes common in motor environments. --- ### ## Connection Pinout (General Layout) Most XHS35 models with these electronics use a standard M12 or MS-style connector. | Signal | Function | Typical Wire Color | | :--- | :--- | :--- | | **Vcc** | Supply Voltage (+) | Red | | **Common** | Ground (-) | Black | | **A / B** | Incremental Channels | White / Blue | | **Z** | Index (Reference) Pulse | Orange | | **Case** | Shield / Earth | Drain Wire | --- ### ## Applications * **Oil & Gas:** Due to the "SS" (Stainless Steel) and rugged build, it is often used in offshore drilling rigs. * **Steel Mills:** High-temperature and high-vibration resistance. * **Large Motors:** Used for precise speed and position feedback in AC/DC motor drives.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulse per revolution (PPR) capability of the EPROGA electronics?
    • ⤷ How do I program the resolution of an XHS35 series encoder?
    • ⤷ What are the specific environmental ratings (IP ratings) for this stainless steel model?